Electronic Components Datasheet Search
  English  ▼

X  

S-8232 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-8232
Description  BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8232 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-8232 Datasheet HTML 7Page - Seiko Instruments Inc S-8232 Datasheet HTML 8Page - Seiko Instruments Inc S-8232 Datasheet HTML 9Page - Seiko Instruments Inc S-8232 Datasheet HTML 10Page - Seiko Instruments Inc S-8232 Datasheet HTML 11Page - Seiko Instruments Inc S-8232 Datasheet HTML 12Page - Seiko Instruments Inc S-8232 Datasheet HTML 13Page - Seiko Instruments Inc S-8232 Datasheet HTML 14Page - Seiko Instruments Inc S-8232 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
BATTERY PROTECTION IC FOR 2-SERIAL-CELL PACK
Rev.5.4_00
S-8232 Series
Seiko Instruments Inc.
11
(7) Test Condition 7, Test Circuit 4
Set S1
= ON, S2 = OFF, V1 = V2 = 3.6 V and V3 = 0 V under normal condition. Increase V4 from 0 V
gradually. The V4 voltage when I1
= 10 µA is the CO “H” voltage (VCO(H)).
Set S1
= OFF, S2 = ON, V1 = V2 = 4.7, V3 = 0 V, and V5 = 9.4 V under over voltage condition. (V5) / I2
is the CO pin internal resistance (RCO(L)).
(8) Test Condition 8, Test Circuit 5
Set V1
= V2 = 3.6 V, and V3 = 0 V under normal condition. Increase V1 from (VCU1 − 0.2 V) to (VCU1 +
0.2 V) immediately (within 10
µs). The time after V1 becomes (VCU1 + 0.2 V) until CO goes “L” is the
overcharge detection delay time 1 (tCU1).
Set V1
= V2 = 3.6 V, and V3 = 0 V under normal condition. Decrease V1 from (VDD1 + 0.2 V) to (VDD1 −
0.2 V) immediately (within 10
µs). The time after V1 becomes (VDD1 − 0.2 V) until DO goes “L” is the
overdischarge detection delay time 1 (tDD1).
(9) Test Condition 9, Test Circuit 5
Set V1
= V2 = 3.6 V, and V3 = 0 V under normal condition. Increase V2 from (VCU2 − 0.2 V) to (VCU2 +
0.2 V) immediately (within 10
µs). The time after V2 becomes (VCU2 + 0.2 V) until CO goes “L” is the
overcharge detection delay time 2 (tCU2).
Set V1
= V2 = 3.6 V, and V3 = 0 V under normal condition. Decrease V2 from (VDD2 + 0.2 V) to (VDD2 −
0.2 V) immediately (within 10
µs). The time after V2 becomes (VDD2 − 0.2 V) until DO goes “L” is the
overdischarge detection delay time 2 (tDD2).
(10) Test Condition 10, Test Circuit 5
Set V1
= V2 = 3.6 V, and V3 = 0 V under normal condition. Increase V3 from 0 V to 0.5 V immediately
(within 10
µs). The time after V3 becomes 0.5 V until DO goes “L” is the overcurrent detection delay time
1 (tIOV1).
(11) Test Condition 11, Test Circuit 6
Set V1
= V2 = 0 V, and V3 = 0 V, and increase V3 gradually. The V3 voltage when CO = “L” (VVM + 0.3 V
or higher) is the 0 V charge starting voltage (V0CHA).
(12) Test Condition 12, Test Circuit 6
Set V1
= 0 V, V2 = 3.6 V, and V3 = 12 V, and increase V1 gradually. The V1 voltage when CO = “H” (VVM
+ 0.3 V or higher) is the 0 V charge inhibiting voltage 1 (V0INH1).
(13) Test Condition 13, Test Circuit 6
Set V1
= 3.6 V, V2 = 0 V, and V3 = 12 V, and increase V2 gradually. The V2 voltage when CO = “H” (VVM
+ 0.3 V or higher) is the 0 V charge inhibiting voltage 2 (V0INH2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com