Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVR Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA1655DBVR
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1655DBVR Datasheet HTML 3Page - Texas Instruments OPA1655DBVR Datasheet HTML 4Page - Texas Instruments OPA1655DBVR Datasheet HTML 5Page - Texas Instruments OPA1655DBVR Datasheet HTML 6Page - Texas Instruments OPA1655DBVR Datasheet HTML 7Page - Texas Instruments OPA1655DBVR Datasheet HTML 8Page - Texas Instruments OPA1655DBVR Datasheet HTML 9Page - Texas Instruments OPA1655DBVR Datasheet HTML 10Page - Texas Instruments OPA1655DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
6.6 Electrical Characteristics (continued)
at TA = 25°C, VS = ±18 V, RL = 2 kΩ, and VCM = VOUT = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
VO
Voltage output
(V–) + 0.25
(V+) – 0.25
V
ZO
Open-loop output impedance
f = 1 MHz
26
Ω
ISC
Short-circuit current(4)
±100
mA
CL
Capacitive load drive
100
pF
POWER SUPPLY
IQ
Quiescent current (per channel)
IO = 0 A, VS = ±2.25 V to ±18 V
3.9
4.6
mA
IO = 0 A, TA = –40°C to +125°C(2)
5.0
(1)
Full-power bandwidth = SR / (2π × VP), where SR = slew rate.
(2)
Specified by design and characterization.
(3)
Input bias current test conditions can vary from nominal ambient conditions as a result of junction temperature differences.
(4)
One channel at a time.
www.ti.com
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com