Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA1655DBVR
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA1655DBVR Datasheet HTML 9Page - Texas Instruments OPA1655DBVR Datasheet HTML 10Page - Texas Instruments OPA1655DBVR Datasheet HTML 11Page - Texas Instruments OPA1655DBVR Datasheet HTML 12Page - Texas Instruments OPA1655DBVR Datasheet HTML 13Page - Texas Instruments OPA1655DBVR Datasheet HTML 14Page - Texas Instruments OPA1655DBVR Datasheet HTML 15Page - Texas Instruments OPA1655DBVR Datasheet HTML 16Page - Texas Instruments OPA1655DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
6.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 2 kΩ, and VCM = VS/2 (unless otherwise noted)
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
1.5
2
2.5
3
3.5
4
4.5
D030
Figure 6-31. Supply Current vs Supply Voltage
Output Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110 120
12
13
14
15
16
17
18
125qC
85qC
25qC
-40qC
D025
Figure 6-32. Output Voltage vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90 100 110 120
-18
-17
-16
-15
-14
-13
-12
125qC
85qC
25qC
-40qC
D026
Figure 6-33. Output Voltage vs Output Current (Sinking)
Temperature (qC)
-40
-25
-10
5
20
35
50
65
80
95
110 125
60
68
76
84
92
100
108
116
124
132
140
D041
Sinking
Sourcing
Figure 6-34. Short-Circuit Current vs Temperature
Load Capacitance, CL (pF)
10
100
500
-25
0
25
50
75
D105
G = 1
Figure 6-35. Phase Margin vs Capacitive Load
Load Capacitance, CL (pF)
10
100
1000
10
20
30
40
50
60
70
80
90
100
D037
RISO = 0 :
RISO = 25 :
RISO = 50 :
G = 1
Figure 6-36. Percent Overshoot vs Capacitive Load
www.ti.com
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com