Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT.B Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA1655DBVT.B
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA1655DBVT.B Datasheet HTML 17Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 18Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 19Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 20Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 21Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 22Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 23Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 24Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
8.2.1.2 Detailed Design Procedure
Vinyl records are recorded using an equalization curve specified by the Recording Institute Association of
America (RIAA). The purpose of this equalization curve is to decrease the amount of space occupied by a
groove on the record and therefore maximize the amount of information able to be stored. Proper playback
of music stored on the record requires a preamplifier circuit that applies the inverse transfer function of the
recording equalization curve. The combination of the recording equalization and the playback equalization
results in a flat frequency response over the audio range, as Figure 8-3 shows.
-20
-15
-10
-5
0
5
10
15
20
10
100
1000
10000
Frequency (Hz)
C009
Recording Curve
Playback Curve
Combined Response
Figure 8-3. RIAA Recording and Playback Curves Normalized at 1 kHz
The basic RIAA playback curve implements three time constants: 75 μs, 380 μs, and 3180 μs. An IEC
amendment was later added to the playback curve and implements a pole in the curve at 20 Hz with the
intent of protecting loudspeakers from excessive low frequency content. Rather than strictly adhering to the
IEC amendment, this design moves this pole to a lower frequency to improve low frequency response and still
provide protection for loudspeakers.
Resistor R1 and capacitor C1 are selected to provide the proper input impedance for the moving magnet
cartridge. Cartridge loading is specified by the manufacturer in the cartridge datasheet and is absolutely crucial
for proper response at high frequency. 47 kΩ is a common value for the input resistor, and the capacitive
loading is usually specified from 200 pF to 300 pF per channel. This capacitive loading specification includes
the capacitance of the cable connecting the turntable to the preamplifier, as well as any additional parasitic
capacitances at the preamplifier input. Therefore, the value of C1 must be less than the loading specification to
account for these additional capacitances.
The output network consisting of R5, R6, and C5 serves to ac couple the preamplifier circuit to any subsequent
electronics in the signal path. 100-Ω resistor R5 limits in-rush current into coupling capacitor C5 and prevents
parasitic capacitance from cabling from causing instability. R6 prevents charge accumulation on C5. Capacitor
C5 is chosen to be the same value as C4; for simplicity however, the value of C5 must be large enough to avoid
attenuating low-frequency information.
www.ti.com
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com