Electronic Components Datasheet Search
  English  ▼

X  

OPA1655DBVT.B Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA1655DBVT.B
Description  OPA165x Ultra-Low-Noise, Low-Distortion, FET-Input, Burr-Brown™ Audio Operational Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA1655DBVT.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA1655DBVT.B Datasheet HTML 4Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 5Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 6Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 7Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 8Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 9Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 10Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 11Page - Texas Instruments OPA1655DBVT.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
6.7 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 2 kΩ, and VCM = VS/2 (unless otherwise noted)
Frequency (Hz)
1
10
100
10
100
1k
10k
100k
1M
10M
C020
Figure 6-1. Input Voltage Noise Density vs Frequency
Time (1 s/div)
D029
Figure 6-2. 0.1-Hz to 10-Hz Noise
Source Resistance (:)
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
10
100
1k
10k
100k
1M
D120
Voltage Noise Contribution
Resistor Noise Contribution
Current Noise Contribution
Total Noise Contribution
Figure 6-3. Voltage Noise vs Source Resistance
Frequency (Hz)
0
10
20
30
40
50
100
1k
10k
100k
1M
10M
D113
Vs=r18 V
Vs=r15 V
Vs=r2.25 V
Figure 6-4. Maximum Output Voltage vs Frequency
Frequency (Hz)
-30
-30
0
0
30
30
60
60
90
90
120
120
150
150
180
180
100m
1
10
100
1k
10k
100k
1M
10M
D104
Gain
Phase
CL = 10 pF
Figure 6-5. Open-Loop Gain and Phase vs Frequency
Frequency (Hz)
-20
0
20
40
60
100
1k
10k
100k
1M
10M
D106
G = 1
G= 1
G= 10
G= +100
CL = 10 pF
Figure 6-6. Closed-Loop Gain vs Frequency
OPA1655, OPA1656
SBOS901C – MARCH 2019 – REVISED SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA1655 OPA1656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com