Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA333
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 2 Page - Texas Instruments

  OPA333 Datasheet HTML 1Page - Texas Instruments OPA333 Datasheet HTML 2Page - Texas Instruments OPA333 Datasheet HTML 3Page - Texas Instruments OPA333 Datasheet HTML 4Page - Texas Instruments OPA333 Datasheet HTML 5Page - Texas Instruments OPA333 Datasheet HTML 6Page - Texas Instruments OPA333 Datasheet HTML 7Page - Texas Instruments OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
OPA4188
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Zero-Drift Amplifier Portfolio ................................ 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics: High-Voltage Operation, VS
= ±4 V to ±18 V (VS = 8 V to 36 V)............................ 6
7.6
Electrical Characteristics: Low-Voltage Operation, VS
= ±2 V to < ±4 V (VS = +4 V to < +8 V) ..................... 7
7.7
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 17
8.1
Overview ................................................................. 17
8.2
Functional Block Diagram ....................................... 17
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 19
9
Applications and Implementation ...................... 20
9.1
Application Information............................................ 20
9.2
Typical Applications ................................................ 20
10
Power Supply Recommendations ..................... 23
11
Layout................................................................... 23
11.1
Layout Guidelines ................................................. 23
11.2
Layout Example .................................................... 24
12
Device and Documentation Support ................. 25
12.1
Documentation Support ....................................... 25
12.2
Trademarks ........................................................... 25
12.3
Electrostatic Discharge Caution ............................ 26
12.4
Glossary ................................................................ 26
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2015) to Revision D
Page
•
Changed high supply over-temperature input bias current limit in High-Voltage Operation Electrical Characteristics
table ....................................................................................................................................................................................... 6
•
Changed high supply noise units in High-Operating Voltage Electrical Characteristics table .............................................. 6
•
Changed high supply room-temperature quiescent current limit in High-Voltage Operation Electrical Characteristics
table ....................................................................................................................................................................................... 7
•
Changed high supply over-temperature quiescent current limit in High-Voltage Operation Electrical Characteristics
table ....................................................................................................................................................................................... 7
•
Changed low supply over-temperature input bias current limit in Low-Voltage Operation Electrical Characteristics
table ....................................................................................................................................................................................... 7
•
Changed low supply noise units for input voltage noise density parameter in Low-Voltage Operation Electrical
Characteristics table ............................................................................................................................................................... 7
•
Changed low supply room-temperature quiescent current limit in Low-Voltage Operation Electrical Characteristics table .. 8
•
Changed low supply over-temperature quiescent current limit in Low-Voltage Operation Electrical Characteristics table ... 8
Changes from Revision A (September 2012) to Revision B
Page
•
Changed maximum specification of second Input Bias Current, IB parameter row in High-Voltage Operation
Electrical Characteristics table ............................................................................................................................................... 6
•
Changed maximum specification of second Input Bias Current(IB) parameter in Low-Voltage Electrical
Characteristics table ............................................................................................................................................................... 7
•
Changed typical specifications for Input impedance (Common-mode) parameter in Low-Voltage Electrical
Characteristics table ............................................................................................................................................................... 7
Changes from Original (June2012) to Revision A
Page
•
Changed second to last Applications bullet............................................................................................................................ 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com