Electronic Components Datasheet Search
  English  ▼

X  

OPA333 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA333
Description  OPA4188 0.03-μV/°C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA333 Datasheet(HTML) 4 Page - Texas Instruments

  OPA333 Datasheet HTML 1Page - Texas Instruments OPA333 Datasheet HTML 2Page - Texas Instruments OPA333 Datasheet HTML 3Page - Texas Instruments OPA333 Datasheet HTML 4Page - Texas Instruments OPA333 Datasheet HTML 5Page - Texas Instruments OPA333 Datasheet HTML 6Page - Texas Instruments OPA333 Datasheet HTML 7Page - Texas Instruments OPA333 Datasheet HTML 8Page - Texas Instruments OPA333 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OUTD
-
IND
+IND
V
-
+INC
-
INC
OUTC
OUTA
-
INA
+INA
V+
+INB
-
INB
OUTB
A
B
D
C
4
OPA4188
SBOS641D – JUNE 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: OPA4188
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6 Pin Configuration and Functions
D or PW Packages
14-Pin SOIC or 14-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
OUT A
O
Output channel A
2
–IN A
I
Inverting input channel A
3
+IN A
I
Noninverting input channel A
4
V+
I
Positive power supply
5
+IN B
I
Noninverting input channel B
6
–IN B
I
Inverting input channel B
7
OUT B
O
Output channel B
8
OUT C
O
Output channel C
9
–IN C
I
Inverting input channel C
10
+IN C
I
Noninverting input channel C
11
V–
I
Negative power supply
12
+IN D
I
Noninverting input channel D
13
–IN D
I
Inverting input channel D
14
OUT D
O
Output channel D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com