Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS4281
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4281 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4281 Datasheet HTML 28Page - Texas Instruments THS4281 Datasheet HTML 29Page - Texas Instruments THS4281 Datasheet HTML 30Page - Texas Instruments THS4281 Datasheet HTML 31Page - Texas Instruments THS4281 Datasheet HTML 32Page - Texas Instruments THS4281 Datasheet HTML 33Page - Texas Instruments THS4281 Datasheet HTML 34Page - Texas Instruments THS4281 Datasheet HTML 35Page - Texas Instruments THS4281 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
OPA835
VIN+
VIN-
VCM
VCM
RG
RG
RF
RF
VREF
VSIG-
VSIG+
G[(V
)-(
SIG+
V
)]
SIG-
VOUT
VREF
Figure 9-4. Differential to Single-Ended Amplifier
Line termination can be accomplished by adding a shunt resistor across the VIN+ and VIN- inputs. The
differential impedance is the shunt resistance in parallel with the input impedance of the amplifier circuit, which
is usually much higher. For low gain and low line impedance, the resistor value to add is approximately the
impedance of the line. For example, if a 100-Ω Cat5 cable is used with a gain of 1 amplifier and RF = RG = 2
kΩ, adding a 100-Ω shunt across the input will give a differential impedance of 99 Ω, which is adequate for most
applications.
For best CMRR performance, resistors must be matched. Assuming CMRR ≈ the resistor tolerance, a 0.1%
tolerance will provide about 60-dB CMRR.
9.1.7 Differential-to-Differential Amplifier
Figure 9-5 shows a differential amplifier that is used to amplify differential signals. This circuit has high input
impedance and is used in differential line driver applications where the signal source is a high-impedance driver
(for example, a differential DAC) that must drive a line.
If the user sets VIN± = VCM + VSIG±, then the output of the amplifier may be calculated according to Equation 6.
±
æ
ö
´ ç
÷
±
è
ø
F
IN
CM
G
2R
V
= V
1 +
+ V
OUT
R
(6)
The signal gain of the circuit is
F
G
2R
G = 1 +
R
, and VCM passes with unity gain. The amplifier combines two
noninverting amplifiers into one differential amplifier that shares the RG resistor, which makes RG effectively ½ its
value when calculating the gain. The output signals are in-phase with the input signals.
GV
SIG-
V
IN-
V
SIG-
V
SIG+
V
CM
V
CM
R
G
R
F
R
F
V
IN+
V
OUT-
V
OUT+
V
CM
V
CM
GV
SIG+
OPA2835
½
OPA2835
½
Figure 9-5. Differential-to-Differential Amplifier
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com