Electronic Components Datasheet Search
  English  ▼

X  

THS4281 Datasheet(PDF) 34 Page - Texas Instruments

Part # THS4281
Description  OPAx835 Ultra-Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4281 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4281 Datasheet HTML 30Page - Texas Instruments THS4281 Datasheet HTML 31Page - Texas Instruments THS4281 Datasheet HTML 32Page - Texas Instruments THS4281 Datasheet HTML 33Page - Texas Instruments THS4281 Datasheet HTML 34Page - Texas Instruments THS4281 Datasheet HTML 35Page - Texas Instruments THS4281 Datasheet HTML 36Page - Texas Instruments THS4281 Datasheet HTML 37Page - Texas Instruments THS4281 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
9.1.9 Pulse Application With Single-Supply
For pulsed applications where the signal is at ground and pulses to a positive or negative voltage, the circuit
bias-voltage considerations differ from those in an application with a signal that swings symmetrically about a
reference point. Figure 9-7 shows a circuit where the signal is at ground (0 V) and pulses to a positive value.
RF
OPA 835
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
0 V
VSIG
RO
VOUT
GVSIG
0 V
Figure 9-7. Noninverting Single Supply With Pulse
If the input signal pulses negative from ground, an inverting amplifier is more appropriate, as shown in Figure
9-8. A key consideration in noninverting and inverting cases is that the input and output voltages are kept within
the limits of the amplifier. Because the VICR of the OPA835 device includes the negative supply rail, the OPA835
op amp is well-suited for this application.
OPA 835
Signal and bias
from previous stage
Signal and bias to
next stage
5 V
R1
RG
RF
GVSIG
0 V
0 V
VSIG
VOUT
RO
Figure 9-8. Inverting Single Supply With Pulse
9.1.10 ADC Driver Performance
The OPA835 device provides excellent performance when driving high-performance delta-sigma (ΔΣ) and
successive-approximation-register (SAR) ADCs in low-power audio and industrial applications.
To show achievable performance, the OPA835 device is tested as the drive amplifier for the ADS8326 device.
The ADS8326 device is a 16-bit, micro power, SAR ADC with pseudodifferential inputs and sample rates up to
250 kSPS. The device offers excellent noise and distortion performance in a small 8-pin SOIC or VSSOP
(MSOP) package. Low power and small size make the ADS8326 and OPA835 devices an ideal solution for
portable and battery-operated systems, remote data-acquisition modules, simultaneous multichannel systems,
and isolated data acquisition.
With the circuit shown in Figure 9-9 to test the performance, Figure 9-10 shows the spectral performance with a
10-kHz input frequency. The tabulated AC results are in Table 9-3.
OPA835, OPA2835
SLOS713J – JANUARY 2011 – REVISED MARCH 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com