Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 24 Page - Texas Instruments

Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 20Page - Texas Instruments LMP7717 Datasheet HTML 21Page - Texas Instruments LMP7717 Datasheet HTML 22Page - Texas Instruments LMP7717 Datasheet HTML 23Page - Texas Instruments LMP7717 Datasheet HTML 24Page - Texas Instruments LMP7717 Datasheet HTML 25Page - Texas Instruments LMP7717 Datasheet HTML 26Page - Texas Instruments LMP7717 Datasheet HTML 27Page - Texas Instruments LMP7717 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
7.3.5 Driving Capacitive Loads
The OPA838 drives small capacitive loads directly without oscillation (less than 6pF). When driving capacitive
loads greater than 6 pF, Figure 6-50 illustrates the recommended ROUT vs capacitor load parametric on gains. At
higher gains, the amplifier starts with greater phase margin into a resistive load and is able to operate with lower
ROUT for a given capacitive load. Without ROUT, output capacitance interacts with the output impedance of the
amplifier, which causes phase shift in the loop gain of the amplifier that reduces the phase margin. This phase
shift causes peaking in the frequency response with overshoot and ringing in the pulse response. Figure 6-50
targets a 30° phase margin for the OPA838. A 30° phase margin produces a 5.7
‑dB peaking in the frequency
response at the amplifier output pin that is rolled off by the output RC pole; see Figure 7-7. This peaking
potentially causes clipping for large signals driving a capacitive load. Increasing the ROUT value helps reduce the
peaking at the cost of a more band-limited overall response.
R
F 1
NŸ
+
PD
+
±
R
G 200
Ÿ
V
V
OUT
V
EE
V
CC
V
EE
V
CC
V1 2.5 V
V2 ±2.5 V
+
+
+
VG1
+
R
OUT 68.1
Ÿ
Figure 7-6. ROUT versus CL Test Circuit
Frequency (Hz)
-5
-2
1
4
7
10
13
16
19
22
25
10k
100k
1M
10M
100M
CapL
At capacitive load
At output pin
Figure 7-7. Frequency Response to Output Pin and Capacitive Load
OPA838
SBOS867E – AUGUST 2017 – REVISED AUGUST 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com