Electronic Components Datasheet Search
  English  ▼

X  

LMP7717 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP7717
Description  OPA838 1mA, 300MHz Gain Bandwidth, Voltage-Feedback Op Amp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP7717 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP7717 Datasheet HTML 4Page - Texas Instruments LMP7717 Datasheet HTML 5Page - Texas Instruments LMP7717 Datasheet HTML 6Page - Texas Instruments LMP7717 Datasheet HTML 7Page - Texas Instruments LMP7717 Datasheet HTML 8Page - Texas Instruments LMP7717 Datasheet HTML 9Page - Texas Instruments LMP7717 Datasheet HTML 10Page - Texas Instruments LMP7717 Datasheet HTML 11Page - Texas Instruments LMP7717 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
6.6 Electrical Characteristics VS = 3 V (continued)
at VS+ = 3 V, VS– = 0 V, RF = 1 kΩ, RG = 200 Ω, RL = 2 kΩ, G = 6 V/V, input and output referenced to midsupply, and TA ≈
25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
INPUT
Common-mode input range, low
TA ≈ 25°C, CMRR > 92 dB
VS– – 0.2
VS– – 0
V
A
TA = –40°C to 125°C, CMRR > 92 dB
VS– – 0
V
B
Common-mode input range, high
TA ≈ 25°C, CMRR > 92 dB
VS+ – 1.3
VS+ – 1.2
V
A
TA = –40°C to +125°C, CMRR > 92 dB
VS+ – 1.3
V
B
CMRR
Common-mode rejection ratio
95
105
dB
A
Input impedance common-mode
55 || 1.1
MΩ || pF
C
Input impedance differential mode
30 || 1.3
kΩ || pF
C
OUTPUT
VOL
Output voltage, low
TA ≈ 25°C, G = 6
VS– + 0.05
VS– + 0.1
V
A
TA = –40°C to +125°C, G = 6
VS– + 0.1
VS– + 0.2
B
VOH
Output voltage, high
TA ≈ 25°C, G = 6
VS+ – 0.1 VS+ – 0.05
V
A
TA = –40°C to +125°C, G = 6
VS+ – 0.2
VS+ – 0.1
B
Max current into a resistive load
TA ≈ 25°C, ±0.77 V into 26.7 Ω, VIO < 2 mV
±28
±30
mA
A
Linear current into a resistive load
TA ≈ 25°C, ±0.88 V into 37 Ω, AOL > 70 dB
±23
±25
mA
A
TA = –40°C to +125°C, ±0.76 V into 37 Ω,
AOL > 70 dB
±20
±23
B
DC output impedance
G = 6
0.02
Ω
C
POWER SUPPLY
Specified operating voltage
2.7
5
5.4
V
B
Quiescent operating current
TA ≈ 25°C (DXB package)(6)
875
930
970
µA
A
TA ≈ 25°C(6)
890
930
970
A
TA = –40°C to +125°C
680
930
1350
B
dIq/dT
Quiescent current temperature
coefficient
TA = –40°C to +125°C
2.2
2.7
3.2
µA/°C
B
+PSRR
Positive power-supply rejection
ratio
95
110
dB
A
–PSRR
Negative power-supply rejection
ratio
90
105
dB
A
POWER DOWN (Pin Must be Driven, SOT23-6 and SC70-6)
Enable voltage threshold
Specified on above VS– + 1.5 V
1.5
V
A
Disable voltage threshold
Specified off below VS– + 0.55 V
0.55
V
A
Disable pin bias current
PD = VS– to VS+
–50
20
50
nA
A
Power-down quiescent current
PD = 0.55 V
0.1
1
µA
A
Turn-on time delay
Time from PD = high to VOUT = 90% of final
value
3.5
µs
C
Turn-off time delay
Time from PD = low to VOUT = 10% of original
value
100
ns
C
(1)
Test levels (all values set by characterization and simulation): (A) 100% tested at 25°C, overtemperature limits by characterization and
simulation; (B) Not tested in production, limits set by characterization and simulation; (C) Typical value only for information.
(2)
This slew rate is the average of the rising and falling time estimated from the large-signal bandwidth as: (0.8 × VPEAK / √2) × 2π × f–3dB
where this f–3dB is the typical measured 4-VPP bandwidth at gains of 6 V/V.
(3)
Current is considered positive out of the pin.
(4)
Input offset voltage drift, input bias current drift, and input offset current drift typical specifications are mean ± 1σ characterized by the
full temperature range end-point data. Maximum drift specifications are set by the min, max packaged test range on the wafer-level
screened drift. Drift is not specified by the final automated test equipment (ATE) or by QA sample testing.
(5)
Input offset voltage drift, input bias current drift, and input offset current drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(6)
The typical specification is at 25°C TJ. The minimum and maximum limits are expanded for the ATE to account for an ambient range
from 22°C to 32°C with a 4-µA/°C temperature coefficient on the supply current.
OPA838
SBOS867E – AUGUST 2017 – REVISED AUGUST 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA838



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com