Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9535
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535 Datasheet(HTML) 2 Page - Texas Instruments

  PCA9535 Datasheet HTML 1Page - Texas Instruments PCA9535 Datasheet HTML 2Page - Texas Instruments PCA9535 Datasheet HTML 3Page - Texas Instruments PCA9535 Datasheet HTML 4Page - Texas Instruments PCA9535 Datasheet HTML 5Page - Texas Instruments PCA9535 Datasheet HTML 6Page - Texas Instruments PCA9535 Datasheet HTML 7Page - Texas Instruments PCA9535 Datasheet HTML 8Page - Texas Instruments PCA9535 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
Table of Contents
1 Features............................................................................1
2 Description.......................................................................1
3 Revision History.............................................................. 2
4 Description Continued.................................................... 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Resistance Characteristics........................... 6
6.5 Electrical Characteristics.............................................6
6.6 I2C Interface Timing Requirements.............................7
6.7 Switching Characteristics............................................7
6.8 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 11
........................................................................................ 11
8 Detailed Description......................................................14
8.1 Functional Block Diagram......................................... 14
8.2 Device Functional Modes..........................................15
8.3 Programming............................................................ 16
9 Application Information Disclaimer............................. 24
9.1 Application Information............................................. 24
9.2 Typical Application.................................................... 24
10 Power Supply Recommendations..............................26
10.1 Power-On Reset Requirements.............................. 26
11 Device and Documentation Support..........................28
11.1 Receiving Notification of Documentation Updates.. 28
11.2 Support Resources................................................. 28
11.3 Trademarks............................................................. 28
11.4 Electrostatic Discharge Caution.............................. 28
11.5 Glossary.................................................................. 28
12 Mechanical, Packaging, and Orderable
Information.................................................................... 28
3 Revision History
Changes from Revision J (May 2014) to Revision K (March 2021)
Page
• Moved the "Storage temperature range" to the Absolute Maximum Ratings .................................................... 5
• Moved the "Package thermal impedance" to the Thermal Resistance Characteristic .......................................5
• Changed the VCC Supply voltage Max value From: 5.5 V To: VCC in the Recommended Operating Conditions
............................................................................................................................................................................5
• Changed the VPORR Typ value From: 1.5 V To 1.2 V in the Electrical Characteristics ...................................... 6
• Added VPORF to the Electrical Characteristics ................................................................................................... 6
• Changed the ICC Standby mode values in the Electrical Characteristics ...........................................................6
• Changed the Ci SCL Max value From: 7 pF To: 8 pF in the Electrical Characteristics ......................................6
• Changed the Cio SDA Max value From: 7 pF To: 9.5 pF in the Electrical Characteristics .................................6
• Changed the Typical Characteristics graphs...................................................................................................... 8
• Changed the Power Supply Recommendations .............................................................................................. 26
Changes from Revision I (May 2008) to Revision J (May 2014)
Page
• Added Interrupt Errata section..........................................................................................................................16
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com