Electronic Components Datasheet Search
  English  ▼

X  

PCA9535 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCA9535
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCA9535 Datasheet HTML 20Page - Texas Instruments PCA9535 Datasheet HTML 21Page - Texas Instruments PCA9535 Datasheet HTML 22Page - Texas Instruments PCA9535 Datasheet HTML 23Page - Texas Instruments PCA9535 Datasheet HTML 24Page - Texas Instruments PCA9535 Datasheet HTML 25Page - Texas Instruments PCA9535 Datasheet HTML 26Page - Texas Instruments PCA9535 Datasheet HTML 27Page - Texas Instruments PCA9535 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
9 Application Information Disclaimer
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.2 Typical Application
Figure 9-1 shows an application in which the PCA9535 can be used.
P00
P01
P02
P03
P04
P05
A2
A1
A0
A
B
P06
P07
P10
P11
P12
P13
P14
P15
P16
P17
VCC
VCC
VCC
(5 V)
Controlled Switch
(e.g., CBT Device)
GND
INT
SDA
SCL
INT
Subsystem 1
(e.g., Temperature
Sensor)
Subsystem 2
(e.g., Counter)
PCA9535
SDA
SCL
INT
GND
Keypad
ALARM
RESET
ENABLE
Subsystem 3
(e.g., Alarm)
Master
Controller
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
22
23
1
3
2
21
12
24
VDD
100 kΩ
( 3)
X
2 kΩ
10 kΩ
( 5)
X
10 kΩ
( 4)
X
A. Device address is configured as 0100100 for this example.
B. P00, P02, and P03 are configured as outputs.
C. P01, P04–P07, and P10–P17 are configured as inputs.
D. Pin numbers shown are for DB, DBQ, DGV, DW, and PW packages.
Figure 9-1. Typical Application
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com