Electronic Components Datasheet Search
  English  ▼

X  

PCA9535DB Datasheet(PDF) 20 Page - Texas Instruments

Part # PCA9535DB
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535DB Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCA9535DB Datasheet HTML 16Page - Texas Instruments PCA9535DB Datasheet HTML 17Page - Texas Instruments PCA9535DB Datasheet HTML 18Page - Texas Instruments PCA9535DB Datasheet HTML 19Page - Texas Instruments PCA9535DB Datasheet HTML 20Page - Texas Instruments PCA9535DB Datasheet HTML 21Page - Texas Instruments PCA9535DB Datasheet HTML 22Page - Texas Instruments PCA9535DB Datasheet HTML 23Page - Texas Instruments PCA9535DB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
8.3.2.3 Register Descriptions
The Input Port registers (registers 0 and 1) reflect the incoming logic levels of the pins, regardless of whether
the pin is defined as an input or an output by the Configuration Register. It only acts on read operation. Writes to
these registers have no effect. The default value, X, is determined by the externally applied logic level.
Before a read operation, a write transmission is sent with the command byte to let the I2C device know that the
Input Port registers will be accessed next.
Table 8-4. Registers 0 And 1 (Input Port Registers)
Bit
I0.7
I0.6
I0.5
I0.4
I0.3
I0.2
I0.1
I0.0
Default
X
X
X
X
X
X
X
X
Bit
I1.7
I1.6
I1.5
I1.4
I1.3
I1.2
I1.1
I1.0
Default
X
X
X
X
X
X
X
X
The Output Port registers (registers 2 and 3) show the outgoing logic levels of the pins defined as outputs by the
Configuration register. Bit values in this register have no effect on pins defined as inputs. In turn, reads from this
register reflect the value that is in the flip-flop controlling the output selection, not the actual pin value.
Table 8-5. Registers 2 And 3 (Output Port Registers)
Bit
O0.7
O0.6
O0.5
O0.4
O0.3
O0.2
O0.1
O0.0
Default
1
1
1
1
1
1
1
1
Bit
O1.7
O1.6
O1.5
O1.4
O1.3
O1.2
O1.1
O1.0
Default
1
1
1
1
1
1
1
1
The Polarity Inversion registers (registers 4 and 5) allow polarity inversion of pins defined as inputs by the
Configuration register. If a bit in this register is set (written with 1), the corresponding pin's polarity is inverted. If a
bit in this register is cleared (written with a 0), the corresponding pin's original polarity is retained.
Table 8-6. Registers 4 And 5 (Polarity Inversion Registers)
Bit
N0.7
N0.6
N0.5
N0.4
N0.3
N0.2
N0.1
N0.0
Default
0
0
0
0
0
0
0
0
Bit
N1.7
N1.6
N1.5
N1.4
N1.3
N1.2
N1.1
N1.0
Default
0
0
0
0
0
0
0
0
The Configuration registers (registers 6 and 7) configure the directions of the I/O pins. If a bit in this register is
set to 1, the corresponding port pin is enabled as an input with a high-impedance output driver. If a bit in this
register is cleared to 0, the corresponding port pin is enabled as an output.
Table 8-7. Registers 6 And 7 (Configuration Registers)
Bit
C0.7
C0.6
C0.5
C0.4
C0.3
C0.2
C0.1
C0.0
Default
1
1
1
1
1
1
1
1
Bit
C1.7
C1.6
C1.5
C1.4
C1.3
C1.2
C1.1
C1.0
Default
1
1
1
1
1
1
1
1
8.3.2.4 Bus Transactions
Data is exchanged between the master and the PCA9535 through write and read commands.
8.3.2.4.1 Writes
Data is transmitted to the PCA9535 by sending the device address and setting the least-significant bit to a
logic 0 (see Figure 8-6 for device address). The command byte is sent after the address and determines which
register receives the data that follows the command byte.
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com