Electronic Components Datasheet Search
  English  ▼

X  

PCA9535DB Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9535DB
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535DB Datasheet(HTML) 1 Page - Texas Instruments

  PCA9535DB Datasheet HTML 1Page - Texas Instruments PCA9535DB Datasheet HTML 2Page - Texas Instruments PCA9535DB Datasheet HTML 3Page - Texas Instruments PCA9535DB Datasheet HTML 4Page - Texas Instruments PCA9535DB Datasheet HTML 5Page - Texas Instruments PCA9535DB Datasheet HTML 6Page - Texas Instruments PCA9535DB Datasheet HTML 7Page - Texas Instruments PCA9535DB Datasheet HTML 8Page - Texas Instruments PCA9535DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt
Output and Configuration Registers
1 Features
• Low standby-current consumption of 1 μA Max
• I2C to Parallel port expander
• Open-drain active-low interrupt output
• 5-V Tolerant I/O ports
• Compatible with most microcontrollers
• 400-kHz Fast I2C Bus
• Address by three hardware address pins for use of
up to eight devices
• Polarity inversion register
• Latched outputs with high-current drive capability
for directly driving LEDs
• Latch-up performance exceeds 100 mA Per
JESD 78, class II
• ESD Protection exceeds JESD 22
– 2000-V Human-body model (A114-A)
– 1000-V Charged-device model (C101)
2 Description
This 16-bit I/O expander for the two-line bidirectional
bus (I2C) is designed for 2.3-V to 5.5-V VCC operation.
It provides general-purpose remote I/O expansion for
most microcontroller families via the I2C interface
[serial clock (SCL), serial data (SDA)].
The PCA9535 consists of two 8-bit Configuration
(input or output selection), Input Port, Output Port,
and Polarity Inversion (active-high or active-low
operation) registers. At power on, the I/Os are
configured as inputs. The system master can enable
the I/Os as either inputs or outputs by writing to the
I/O configuration bits. The data for each input or
output is kept in the corresponding Input or Output
Port register. The polarity of the Input Port register
can be inverted with the Polarity Inversion register. All
registers can be read by the system master.
The system master can reset the PCA9535 in the
event of a timeout or other improper operation by
utilizing the power-on reset feature, which puts the
registers in their default state and initializes the I2C/
SMBus state machine.
The PCA9535 open-drain interrupt (INT) output is
activated when any input state differs from its
corresponding Input Port register state and is used to
indicate to the system master that an input state has
changed.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
PCA9535
SSOP (16)
6.20 mm × 5.30 mm
VQFN (16)
4.00 mm × 4.00 mm
QFN (16)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
INT
A1
A2
P00
P01
P02
P03
P04
P05
P06
P07
GND
VCC
SDA
SCL
A0
P17
P16
P15
P14
P13
P12
P11
P10
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
24 23 22 21 20
7
8
9 10 11
1
2
3
4
5
6
18
17
16
15
14
13
RGE PACKAGE
(TOP VIEW)
19
12
P00
P01
P02
P03
P04
P05
A0
P17
P16
P15
P14
P13
A0
P17
P16
P15
P14
P13
24
22
21
20
19
23
7
9
10
11
12
8
P00
P01
P02
P03
P04
P05
1
2
3
4
5
6
18
17
16
15
14
13
RTW PACKAGE
(TOP VIEW)
www.ti.com
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: PCA9535
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCA9535DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535DB TI-PCA9535DB Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535DB TI1-PCA9535DB Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9535DBG4 TI1-PCA9535DBG4 Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
PCA9535DBQR TI-PCA9535DBQR Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9535DBQR TI1-PCA9535DBQR Datasheet
1Mb / 42P
SMBus Low-Power I/O Expander
More results

Similar Description - PCA9535DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9535 TI-PCA9535 Datasheet
834Kb / 35P
REMOTE 16-BIT I2C AND SMBus, LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9539 TI-PCA9539 Datasheet
777Kb / 34P
REMOTE 16-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com