Electronic Components Datasheet Search
  English  ▼

X  

PCA9535DGVR Datasheet(PDF) 40 Page - Texas Instruments

Part # PCA9535DGVR
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535DGVR Datasheet(HTML) 40 Page - Texas Instruments

Back Button PCA9535DGVR Datasheet HTML 36Page - Texas Instruments PCA9535DGVR Datasheet HTML 37Page - Texas Instruments PCA9535DGVR Datasheet HTML 38Page - Texas Instruments PCA9535DGVR Datasheet HTML 39Page - Texas Instruments PCA9535DGVR Datasheet HTML 40Page - Texas Instruments PCA9535DGVR Datasheet HTML 41Page - Texas Instruments PCA9535DGVR Datasheet HTML 42Page - Texas Instruments PCA9535DGVR Datasheet HTML 43Page - Texas Instruments PCA9535DGVR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
24X (1.4)
24X (0.2)
22X (0.4)
(5.9)
(R0.05) TYP
TVSOP - 1.2 mm max height
DGV0024A
SMALL OUTLINE PACKAGE
4229221/A 12/2022
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 12X
SYMM
SYMM
1
12
13
24
15.000
METAL EDGE
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED METAL
EXPOSED METAL
SOLDER MASK DETAILS
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com