Electronic Components Datasheet Search
  English  ▼

X  

PCA9535DGVR Datasheet(PDF) 8 Page - Texas Instruments

Part # PCA9535DGVR
Description  PCA9535 Remote 16-BIT I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9535DGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCA9535DGVR Datasheet HTML 4Page - Texas Instruments PCA9535DGVR Datasheet HTML 5Page - Texas Instruments PCA9535DGVR Datasheet HTML 6Page - Texas Instruments PCA9535DGVR Datasheet HTML 7Page - Texas Instruments PCA9535DGVR Datasheet HTML 8Page - Texas Instruments PCA9535DGVR Datasheet HTML 9Page - Texas Instruments PCA9535DGVR Datasheet HTML 10Page - Texas Instruments PCA9535DGVR Datasheet HTML 11Page - Texas Instruments PCA9535DGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
6.8 Typical Characteristics
TA = 25°C (unless otherwise noted)
TA - Temperature (°C)
-40
-15
10
35
60
85
0
4
8
12
16
20
24
28
32
36
40
D001
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
Figure 6-1. Supply Current vs Temperature for Different Supply
Voltage (VCC)
TA - Temperature (°C)
-40
-15
10
35
60
85
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
D002
Vcc = 1.65 V
Vcc = 1.8 V
Vcc = 2.5 V
Vcc = 3.3 V
Vcc = 3.6 V
Vcc = 5 V
Vcc = 5.5V
Figure 6-2. Standby Supply Current vs Temperature for
Different Supply Voltage (VCC)
VCC - Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
5
10
15
20
25
30
D003
-40qC
25qC
85qC
Figure 6-3. Supply Current vs Supply Voltage for Different
Temperature (TA)
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
D004
VCC = 1.65 V
-40qC
25qC
85qC
Figure 6-4. I/O Sink Current vs Output Low Voltage for Different
Temperature (TA) for VCC = 1.65 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
5
10
15
20
25
30
35
D005
VCC = 1.8 V
-40qC
25qC
85qC
Figure 6-5. I/O Sink Current vs Output Low Voltage for Different
Temperature (TA) for VCC = 1.8 V
VOL - Output Low Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10
20
30
40
50
60
D006
VCC = 2.5 V
-40qC
25qC
85qC
Figure 6-6. I/O Sink Current vs Output Low Voltage for Different
Temperature (TA) for VCC = 2.5 V
PCA9535
SCPS129K – AUGUST 2005 – REVISED MARCH 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com