Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 22 Page - Texas Instruments

Part # PCA9554ADGVR
Description  PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCA9554ADGVR Datasheet HTML 18Page - Texas Instruments PCA9554ADGVR Datasheet HTML 19Page - Texas Instruments PCA9554ADGVR Datasheet HTML 20Page - Texas Instruments PCA9554ADGVR Datasheet HTML 21Page - Texas Instruments PCA9554ADGVR Datasheet HTML 22Page - Texas Instruments PCA9554ADGVR Datasheet HTML 23Page - Texas Instruments PCA9554ADGVR Datasheet HTML 24Page - Texas Instruments PCA9554ADGVR Datasheet HTML 25Page - Texas Instruments PCA9554ADGVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
9.1.1.1 Detailed Design Procedure
9.1.1.1.1 Minimizing ICC When I/Os Control Leds
When the I/Os are used to control LEDs, they are normally connected to VCC through a resistor as shown
in Figure 9-1. Because the LED acts as a diode, when the LED is off, the I/O VIN is about 1.2 V less than
VCC. The supply current, ICC, increases as VIN becomes lower than VCC and is specified as ΔICC in Electrical
Characteristics.
For battery-powered applications, it is essential that the voltage of I/O pins is greater than or equal to VCC when
the LED is off to minimize current consumption. Figure 9-2 shows a high-value resistor in parallel with the LED.
Figure 9-3 shows VCC less than the LED supply voltage by at least 1.2 V. Both of these methods maintain the I/O
VIN at or above VCC and prevents additional supply-current consumption when the LED is off.
LED
LEDx
VCC
100 kW
VCC
Figure 9-2. High-Value Resistor In Parallel With The Led
LED
3.3 V
5 V
LEDx
VCC
Figure 9-3. Device Supplied By A Lower Voltage
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: PCA9554A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com