Electronic Components Datasheet Search
  English  ▼

X  

PCA9554ADGVR Datasheet(PDF) 1 Page - Texas Instruments

Part # PCA9554ADGVR
Description  PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and Configuration Registers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCA9554ADGVR Datasheet(HTML) 1 Page - Texas Instruments

  PCA9554ADGVR Datasheet HTML 1Page - Texas Instruments PCA9554ADGVR Datasheet HTML 2Page - Texas Instruments PCA9554ADGVR Datasheet HTML 3Page - Texas Instruments PCA9554ADGVR Datasheet HTML 4Page - Texas Instruments PCA9554ADGVR Datasheet HTML 5Page - Texas Instruments PCA9554ADGVR Datasheet HTML 6Page - Texas Instruments PCA9554ADGVR Datasheet HTML 7Page - Texas Instruments PCA9554ADGVR Datasheet HTML 8Page - Texas Instruments PCA9554ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PCA9554A Remote 8-Bit I2C and SMBus I/O Expander With Interrupt Output and
Configuration Registers
1 Features
• I2C to Parallel Port Expander
• Open-Drain Active-Low Interrupt Output
• Operating Power-Supply Voltage Range of 2.3 V to
5.5 V
• 5-V Tolerant I/Os
• 400-kHz Fast I2C Bus
• Three Hardware Address Pins Allow up to Eight
Devices on the I2C/SMBus
• Input/Output Configuration Register
• Polarity Inversion Register
• Internal Power-On Reset
• Power-Up With All Channels Configured as Inputs
• No Glitch on Power Up
• Latched Outputs With High-Current Drive
Maximum Capability for Directly Driving LEDs
• Latch-Up Performance Exceeds 100 mA Per JESD
78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
2 Description
This 8-bit I/O expander for the two-line bidirectional
bus (I2C) is designed for 2.3-V to 5.5-V VCC operation.
It provides general-purpose remote I/O expansion for
most microcontroller families via the I2C interface
[serial clock (SCL), serial data (SDA)].
The PCA9554A consists of one 8-bit Configuration
(input or output selection), Input, Output, and Polarity
Inversion (active high or active low) registers. At
power on, the I/Os are configured as inputs with a
weak pullup to VCC. However, the system master can
enable the I/Os as either inputs or outputs by writing
to the I/O configuration bits. The data for each input
or output is kept in the corresponding Input or Output
register. The polarity of the Input Port register can
be inverted with the Polarity Inversion register. All
registers can be read by the system master.
The system master can reset the PCA9554A in the
event of a timeout or other improper operation by
utilizing the power-on reset feature, which puts the
registers in their default state and initializes the I2C/
SMBus state machine.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
PCA9554A
DB (SSOP) (16)
6.20 mm × 5.30 mm
DBQ (VQFN) (16)
4.90 mm × 3.90 mm
DGV (TSSOP) (16)
3.60 mm × 4.40 mm
DW (SOIC)
10.3 mm x 7.50 mm
PW (TSSOP)
5.00 mm x 4.40 mm
RGT (VQFN)
3.00 mm x 3.00 mm
RGV (VQFN)
4.00 mm x 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
DB, DBQ, DGV, DW,
OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
A0
A1
A2
P0
P1
P2
P3
GND
VCC
SDA
SCL
INT
P7
P6
P5
P4
RGV PACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
RGT PACKAGE
(TOP VIEW)
16
6
8
2
10
P7
4
3
1
7
5
12
11
9
13
14
15
P6
INT
SCL
A2
P0
P1
P2
www.ti.com
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: PCA9554A
PCA9554A
SCPS127F – SEPTEMBER 2006 – REVISED MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - PCA9554ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9554ADGVR TI-PCA9554ADGVR Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554ADGVR TI1-PCA9554ADGVR Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
PCA9554ADGVRG4 TI-PCA9554ADGVRG4 Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554ADGVRG4 TI1-PCA9554ADGVRG4 Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
More results

Similar Description - PCA9554ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9534 TI-PCA9534 Datasheet
657Kb / 32P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9538 TI-PCA9538 Datasheet
479Kb / 29P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
PCA9554A TI-PCA9554A Datasheet
650Kb / 33P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555 Datasheet
842Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A Datasheet
643Kb / 35P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_08 Datasheet
818Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A TI-PCA9534A_10 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9555 TI-PCA9555_10 Datasheet
817Kb / 35P
REMOTE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9534A_101 TI-PCA9534A_101 Datasheet
1Mb / 39P
REMOTE 8-BIT I2C AND SMBus LOW-POWER I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
PCA9554DW TI-PCA9554DW Datasheet
933Kb / 36P
REMOTE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com