Electronic Components Datasheet Search
  English  ▼

X  

PCM1753DBQ Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM1753DBQ
Description  PCM175x 24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio, Digital-to-Analog Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1753DBQ Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM1753DBQ Datasheet HTML 19Page - Texas Instruments PCM1753DBQ Datasheet HTML 20Page - Texas Instruments PCM1753DBQ Datasheet HTML 21Page - Texas Instruments PCM1753DBQ Datasheet HTML 22Page - Texas Instruments PCM1753DBQ Datasheet HTML 23Page - Texas Instruments PCM1753DBQ Datasheet HTML 24Page - Texas Instruments PCM1753DBQ Datasheet HTML 25Page - Texas Instruments PCM1753DBQ Datasheet HTML 26Page - Texas Instruments PCM1753DBQ Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
23
PCM1753, PCM1754, PCM1755
www.ti.com
SLES092E – APRIL 2003 – REVISED JULY 2019
Product Folder Links: PCM1753 PCM1754 PCM1755
Submit Documentation Feedback
Copyright © 2003–2019, Texas Instruments Incorporated
8.6.1.2.9
FLT: Digital Filter Rolloff Control
Default value: 0
The FLT bit allows the user to select the digital filter rolloff that is best suited to the application. Two filter rolloff
selections are available, sharp and slow. The filter responses for these selections are shown in the Typical
Characteristics section of this data sheet.
8.6.1.2.10
DREV: Output Phase Select
Default value: 0
The DREV bit is the output analog signal phase control.
8.6.1.2.11
ZREV: Zero Flag Polarity Select
Default value: 01h
The ZREV bit allows the user to select the polarity of zero flag pins.
8.6.1.2.12
AZRO: Zero Flag Function Select
Default value: 0
The AZRO bit allows the user to select the function of zero flag pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com