Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM1795DBRG4
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1795DBRG4 Datasheet HTML 1Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 2Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 3Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 4Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 5Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 6Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 7Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 8Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
ZEROL
ZEROR
MSEL
LRCK
DATA
BCK
SCL
DGND
V
DD
MS
MDI
MC
MDO
RST
V
2L
CC
AGND3L
I
L
-
OUT
I
L+
OUT
AGND2
V
1
CC
V
L
COM
V
R
COM
I
REF
AGND1
I
R
-
OUT
I
R+
OUT
AGND3R
V
2R
CC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PCM1795
www.ti.com
SLES248A – MAY 2009 – REVISED MARCH 2015
5 Pin Configuration and Functions
DB Package
28-Pin SSOP
(Top View)
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
AGND1
19
—
Analog ground (internal bias)
AGND2
24
—
Analog ground (internal bias)
AGND3L
27
—
Analog ground (left channel DACFF)
AGND3R
16
—
Analog ground (right channel DACFF)
BCK
6
Input
Bit clock input(1)
DATA
5
Input
Serial audio data input(1)
DGND
8
—
Digital ground
IOUTL+
25
Output
Left channel analog current output+
IOUTL–
26
Output
Left channel analog current output–
IOUTR+
17
Output
Right channel analog current output+
IOUTR–
18
Output
Right channel analog current output–
IREF
20
—
Output current reference bias pin
LRCK
4
Input
Left and right clock (fS) input
(1)
MC
12
Input
Mode control clock input(1)
MDI
11
Input
Mode control data input(1)
Input or
MDO
13
Mode control read-back data output(2)
Output
Input or
MS
10
Mode control chip-select input(3); active low
Output
MSEL
3
Input
I2C/SPI select(1); active low SPI select
(1)
Schmitt-trigger input, 5-V tolerant.
(2)
Schmitt-trigger input and output. 5-V tolerant input. In I2C mode, this pin becomes an open-drain 3-state output; otherwise, this pin is a
CMOS output.
(3)
Schmitt-trigger input and output. 5-V tolerant input and CMOS output.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com