Electronic Components Datasheet Search
  English  ▼

X  

PCM1795DBRG4 Datasheet(PDF) 44 Page - Texas Instruments

Part # PCM1795DBRG4
Description  PCM1795 32-Bit, 192-kHz Sampling, Advanced Segment, Stereo Audio Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1795DBRG4 Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM1795DBRG4 Datasheet HTML 40Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 41Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 42Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 43Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 44Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 45Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 46Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 47Page - Texas Instruments PCM1795DBRG4 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
t
(BCH)
BCK
WDCK
t
(BCL)
t
(LB)
t
(BCY)
t
(DS)
t
(DH)
1.4 V
1.4V
t
(BL)
1.4V
DATA
DATAL
DATAR
PCM1795
SLES248A – MAY 2009 – REVISED MARCH 2015
www.ti.com
Typical Applications (continued)
Figure 60. Audio Interface Timing for External Digital Filter (Internal DF Bypass Mode) Application
Table 32. Timing Characteristics for Figure 60
MIN
MAX
UNIT
t(BCY)
BCK pulse cycle time
20
ns
t(BCL)
BCK pulse duration, low
7
ns
t(BCH)
BCK pulse duration, high
7
ns
t(BL)
BCK rising edge to WDCK falling edge
5
ns
t(LB)
WDCK falling edge to BCK rising edge
5
ns
t(DS)
DATA, DATAL, DATAR setup time
5
ns
t(DH)
DATA, DATAL, DATAR hold time
5
ns
8.2.2.2.5
Functions Available in the External Digital Filter Mode
The external digital filter mode is selected by setting DSD = 0 (register 20, B5) and DFTH = 1 (register 20, B4).
The external digital filter mode allows access to the majority of the PCM1795 mode control functions.
Table 33 shows the register mapping available when the external digital filter mode is selected, along with
descriptions of functions that are modified when using this mode selection.
Table 33. External Digital Filter Register Map
REGISTER
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 16
R/W
0
0
1
0
0
0
0
X(1)
X
X
X
X
X
X
X
Register 17
R/W
0
0
1
0
0
0
1
X
X
X
X
X
X
X
X
Register 18
R/W
0
0
1
0
0
1
0
X
FMT2
FMT1
FMT0
X
X
X
X
Register 19
R/W
0
0
1
0
0
1
1
REV
X
X
OPE
X
DFMS
X
INZD
Register 20
R/W
0
0
1
0
1
0
0
X
SRST
0
1
MONO
CHSL
OS1
OS0
Register 21
R/W
0
0
1
0
1
0
1
X
X
X
X
X
X
X
PCMZ
Register 22
R
0
0
1
0
1
1
0
X
X
X
X
X
X
ZFGR
ZFGL
(1)
Function is disabled. No operation even if data bit is set.
44
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: PCM1795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com