Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 13Page - Texas Instruments PCM4202DB Datasheet HTML 14Page - Texas Instruments PCM4202DB Datasheet HTML 15Page - Texas Instruments PCM4202DB Datasheet HTML 16Page - Texas Instruments PCM4202DB Datasheet HTML 17Page - Texas Instruments PCM4202DB Datasheet HTML 18Page - Texas Instruments PCM4202DB Datasheet HTML 19Page - Texas Instruments PCM4202DB Datasheet HTML 20Page - Texas Instruments PCM4202DB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
17
DSD OUTPUT MODE OPERATION
The output port DSD mode operation consists of a single
DSD data clock signal, DSDBCK (pin 17), along with two
synchronous DSD data lines, DSDR (pin 15) and DSDL
(pin 16). The data lines correspond to Right and Left
channels, respectively. The DSD output rate is determined
by the sampling mode settings for the device, discussed
in the Sampling Modes section of this datasheet.
For DSD output data, the serial port is configured in Master
mode, with the DSDBCK derived from the system clock
input,
SCKI.
The
DSDBCK
is
equivalent
to the
oversampling
clock
supplied
to
the
delta-sigma
modulators. The DSD data outputs, DSDR through DSDL,
are synchronous to the DSDBCK. The clock and data lines
are then connected to a data capture or processing device.
Figure 7 illustrates the DSD port timing for both the DSD
output mode.
HIGH-PASS FILTER
A digital high-pass filter is available for removing the DC
component of the digitized input signal. The filter is located
at the output of the digital decimation filter, and is available
only when using PCM output data formats. The high-pass
filter can be enabled or disabled for both the Left and Right
channels using the HPFD input (pin 12). Driving the HPFD
input low enables the high-pass filter. Driving the HPFD
input high disables the high-pass filter.
The −3dB corner frequency for the high-pass filter scales
with the output sampling rate, where f−3dB = fS/48000,
where fS is the output sampling rate.
CLIPPING FLAGS
The PCM4202 includes a clipping flag output for each
channel. The outputs are designated CLIPL (pin 21) and
CLIPR (pin 20), corresponding to the Left and Right
channels, respectively. The clipping flags are only
available when using PCM output data formats.
A clipping flag is forced high as soon as the digital output
of the decimation filter exceeds the full-scale range for the
corresponding channel. The clipping flag output is held
high for a maximum of (256 x N) / fS seconds, where N =
128 for Single Rate sampling mode, 256 for Dual Rate
sampling mode, and 512 for Quad Rate sampling mode.
If the decimation filter output does not exceed the full-scale
range during the initial hold period, the output returns to a
low state upon termination of the hold period.
DSDBCK
DSDL
DSDR
t
DCKHL
t
DCKP
P ARAM E T E R
DE S CRIP T IO N
M IN
M A X
UNITS
156
70
10
ns
ns
ns
t
DCKDO
LRCK pulse width
t
DCKP
t
DCKP
t
DCKP
LRCK active edge to BCK sampling edge delay
Data setup time
Figure 7. DSD Data Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com