Electronic Components Datasheet Search
  English  ▼

X  

PCM4202DB Datasheet(PDF) 23 Page - Texas Instruments

Part # PCM4202DB
Description  High-Performance 24-Bit, 216kHz Sampling Stereo Audio Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM4202DB Datasheet(HTML) 23 Page - Texas Instruments

Back Button PCM4202DB Datasheet HTML 19Page - Texas Instruments PCM4202DB Datasheet HTML 20Page - Texas Instruments PCM4202DB Datasheet HTML 21Page - Texas Instruments PCM4202DB Datasheet HTML 22Page - Texas Instruments PCM4202DB Datasheet HTML 23Page - Texas Instruments PCM4202DB Datasheet HTML 24Page - Texas Instruments PCM4202DB Datasheet HTML 25Page - Texas Instruments PCM4202DB Datasheet HTML 26Page - Texas Instruments PCM4202DB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
PCM4202
SBAS290B − JULY 2003 − SEPTEMBER 2004
www.ti.com
23
COMPATIBILITY WITH THE PCM1804
Although the PCM4202 and PCM1804 are pin- and
function-compatible, there are a few differences between
the two devices that the designer should be aware of.
These differences are noted here for clarity.
D The full-scale input of the PCM4202 is 6.0VPP
differential, while it is 5.0VPP for the PCM1804. This
is a result of the PCM4202 having an internal +3.0V
voltage reference, and the PCM1804 having an
internal +2.5V voltage reference.
D The PCM1804 includes +5V tolerant digital inputs.
The PCM4202 does not include these because the
digital inputs are designed for interfacing to +3.3V
logic.
D The reset pin (RST) pin of the PCM4202 has an
internal pull-up resistor. For the PCM1804, this pin
has an internal pull-down resistor.
D When operating in Master mode with Single Rate
sampling selected, the audio serial port bit clock
(BCK) is equal to 64fS for the PCM1804, while the
BCK rate is equal to 128fS for the PCM4202.
D The following pins on the PCM4202 and PCM1804
have different names, but they perform the same
functions.
TERMINAL
NUMBER
PCM4202
TERMINAL NAME
PCM1804
TERMINAL NAME
9
FS0
OSR0
10
FS1
OSR1
11
FS2
OSR2
12
HPFD
BYPAS
20
CLIPR
OVFR
21
CLIPL
OVFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com