Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PWR Datasheet(PDF) 35 Page - Texas Instruments

Part # PCM5142PWR
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button PCM5142PWR Datasheet HTML 31Page - Texas Instruments PCM5142PWR Datasheet HTML 32Page - Texas Instruments PCM5142PWR Datasheet HTML 33Page - Texas Instruments PCM5142PWR Datasheet HTML 34Page - Texas Instruments PCM5142PWR Datasheet HTML 35Page - Texas Instruments PCM5142PWR Datasheet HTML 36Page - Texas Instruments PCM5142PWR Datasheet HTML 37Page - Texas Instruments PCM5142PWR Datasheet HTML 38Page - Texas Instruments PCM5142PWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 123 page
background image
DIN
(1)
6 BQ
(2)
6 BQ
Lch
Rch
(3)
2 BQ
(5)
2 BQ
(7)
2 BQ
(8)
2 BQ
(6)
2 BQ
(4)
2 BQ
3 Band
DRC
Mono
Mixer
Stereo
Mux
Stereo
Mixer
Coeff-1
Coeff-2
Master
Volume
2ch
Interpolation
Filter
1ch I2S out
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
8.3.4.3 Fixed Audio Processing Flow (Program 5)
The PCM514x implements signal processing capabilities and interpolation filtering via processing blocks. These
fixed processing blocks give users the choice of how much and what type of signal processing they may use and
which interpolation filter is applied.
The signal processing blocks available are:
•
Biquad filters
•
Multiband DRC
•
Mono mixer
•
Stereo mixer
•
Master volume
The addresses of the coefficients are fixed when selecting the fixed processing flow, however, if these
components are used in the RAM source mode (Program 31) the registers for coefficients will change. Users can
find more details in Purepath Studio.
NOTE
This process flow requires 1024 instruction cycles. Therefore, it will only function at
sampling frequencies up to 48 kHz.
8.3.4.3.1
Processing Blocks – Detailed Descriptions
Figure 57 shows the fixed processing flow.
Figure 57. Preset Process Flow
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com