Electronic Components Datasheet Search
  English  ▼

X  

PCM5142PWR Datasheet(PDF) 85 Page - Texas Instruments

Part # PCM5142PWR
Description  PCM514x 2-VRMS DirectPath™, 112/106-dB Audio Stereo DAC With 32-bit, 384-kHz PCM Interface
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM5142PWR Datasheet(HTML) 85 Page - Texas Instruments

Back Button PCM5142PWR Datasheet HTML 81Page - Texas Instruments PCM5142PWR Datasheet HTML 82Page - Texas Instruments PCM5142PWR Datasheet HTML 83Page - Texas Instruments PCM5142PWR Datasheet HTML 84Page - Texas Instruments PCM5142PWR Datasheet HTML 85Page - Texas Instruments PCM5142PWR Datasheet HTML 86Page - Texas Instruments PCM5142PWR Datasheet HTML 87Page - Texas Instruments PCM5142PWR Datasheet HTML 88Page - Texas Instruments PCM5142PWR Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 123 page
background image
PCM5141, PCM5142
www.ti.com
SLAS759B – AUGUST 2012 – REVISED JANUARY 2016
This bit controls whether to ignore the SCK halt (static or frequency is lower than acceptable) detection. When
ignored an SCK halt will not cause a clock error.
Default value: 0
0: Regard SCK halt detection
1: Ignore SCK halt detection
IDCM
Ignore LRCK/BCK Missing Detection
This bit controls whether to ignore the LRCK/BCK missing detection. The LRCK/BCK need to be in low state
(not only static) to be deemed missing. When ignored an LRCK/BCK missing will not cause the DAC go into
powerdown mode.
Default value: 0
0: Regard LRCK/BCK missing detection
1: Ignore LRCK/BCK missing detection
DCAS
Disable Clock Divider Autoset
This bit enables or disables the clock auto set mode. When dealing with uncommon audio clock configuration,
the auto set mode must be disabled and all clock dividers must be set manually. Addtionally, some clock
detectors might also need to be disabled. The clock autoset feature will not work with PLL enabled in VCOM
mode. In this case this feature has to be disabled and the clock dividers must be set manually.
Default value: 0
0: Enable clock auto set
1: Disable clock auto set
IPLK
Ignore PLL Lock Detection
This bit controls whether to ignore the PLL lock detection. When ignored, PLL unlocks will not cause a clock
error. The PLL lock flag at Page 0 / Register 4, bit 4 is always correct regardless of this bit.
Default value: 0
0: PLL unlocks raise clock error
1: PLL unlocks are ignored
Table 84. Page 0 / Register 40
Dec
Hex
b7
b6
b5
b4
b3
b2
b1
b0
40
28
RSV
RSV
AFMT1
AFMT0
RSV
RSV
ALEN1
ALEN0
Reset Value
0
0
1
0
RSV
Reserved
Reserved. Do not access.
AFMT[1:0]
I2S Data Format
These bits control both input and output audio interface formats for DAC operation.
Default value: 00
00: I2S
01: TDM/DSP
10: RTJ
11: LTJ
ALEN[1:0]
I2S Word Length
These bits control both input and output audio interface sample word lengths for DAC operation.
Default value: 10
00: 16 bits
01: 20 bits
10: 24 bits
11: 32 bits
Copyright © 2012–2016, Texas Instruments Incorporated
Submit Documentation Feedback
85
Product Folder Links: PCM5141 PCM5142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com