Electronic Components Datasheet Search
  English  ▼

X  

TP32P0080 Datasheet(PDF) 1 Page - APEM

Part # TP32P0080
Description  SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

TP32P0080 Datasheet(HTML) 1 Page - APEM

  TP32P0080 Datasheet HTML 1Page - APEM TP32P0080 Datasheet HTML 2Page - APEM TP32P0080 Datasheet HTML 3Page - APEM TP32P0080 Datasheet HTML 4Page - APEM TP32P0080 Datasheet HTML 5Page - APEM TP32P0080 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TP SERIES
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
Overview
A-25
A
APEM
TP
SERIES
Number of poles
3
Single pole
4
Double pole
Caps
For long plunger
30
Ø 6,5 (.255)
(P/N U4310)
40
Ø 5 (.196)
(P/N U4320)
Electrical functions
2
ON
-
MOM
3
OFF
-
MOM
Terminals
P0
Straight PC
Y0
Bracket mounting
W0
Right angle, horizontal mounting
WW
Right angle, vertical mounting
MW
Wire-wrap
ABOUT THIS SERIES
On the following pages, you will find successively :
- specifications
- model structure of switches
- options in the same order as in above chart
Dimensions
: first dimensions are in mm while inches are shown as bracketted numbers.
NOTICE
: please note that not all combinations of above numbers are available.
Refer to the following pages for further information.
Contacts and terminal
materials
0
Brass, gold plated
1
Brass, silver plated
3
Brass, gold plated
(1,27 micron gold)
8
Contact brass, gold
plated + tin plated
terminals
9
Contact brass, gold
plated (1,27 micron
gold) + tin plated
terminals
Plungers
• Short - standard
• Long
• Flush
Codes : see "Options" pages.
Special options
00
No special requirement
07
Trimmed terminals 3,2 (.125)
08
Extended terminals
18
Switch without ground plate
20
Ground plate with 2 pins
25
Trimmed terminals 5 (.196)
30
Wire-wrap on bracket mounting models
40
With protection cap U3500
50
Crimped ground plate pins
Packaging unit
: 100 pieces, except for models with WW terminals (50 pieces).


Similar Part No. - TP32P0080

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
logo
National Semiconductor ...
TP3200 NSC-TP3200 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
TP3204 NSC-TP3204 Datasheet
324Kb / 8P
SLIC-MC MAGNETIC COMPENSATION SLICS
logo
3PEAK INC.
TP321 3PEAK-TP321 Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
TP321-TR 3PEAK-TP321-TR Datasheet
1Mb / 12P
General Purpose, 1MHz, Micro-Power CMOS Op-Amps
More results

Similar Description - TP32P0080

ManufacturerPart #DatasheetDescription
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
Sealed Momentary Pushbutton Switches
logo
C&K Components
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
Subminiature Pushbutton Switches
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
Sealed Momentary Pushbutton Switches
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
TP32W003050 ETC2-TP32W003050 Datasheet
205Kb / 6P
Tiny washable momentary pushbutton switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
Sealed Momentary Pushbutton Switches
17 Mar 22
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com