Electronic Components Datasheet Search
  English  ▼

X  

TP32P0080 Datasheet(PDF) 5 Page - APEM

Part # TP32P0080
Description  SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEM [APEM]
Direct Link  www.apem.com
Logo APEM - APEM

TP32P0080 Datasheet(HTML) 5 Page - APEM

  TP32P0080 Datasheet HTML 1Page - APEM TP32P0080 Datasheet HTML 2Page - APEM TP32P0080 Datasheet HTML 3Page - APEM TP32P0080 Datasheet HTML 4Page - APEM TP32P0080 Datasheet HTML 5Page - APEM TP32P0080 Datasheet HTML 6Page - APEM  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TP SERIES
SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
A-29
A
APEM
CONTACT AND TERMINAL MATERIALS
0
Brass, gold plated
1
Brass, silver plated
3
Brass, gold plated (1,27 micron gold)
8
Contact brass, gold plated + tin plated terminals
9
Contact brass, gold plated (1,27 micron gold) + tin plated terminals
PLUNGERS
Standard plunger colour is black.
Short - standard
Long
Flush
With blue
case
30
With black
case
80
With blue
case
35
With black
case
82
With black
case
85
SPECIAL OPTIONS
07
Trimmed terminals
- length 3,2 mm (.125) for TP..WW models only
00
No special requirement
08
Extended terminals
for TP..W0 models only
07
08
(.098 DIA)
(.149)
(.165)
(.181 DIA)
(.196 DIA)
Ø4.60
Ø5.00
4.20
3.80
Ø2.50
Ø2.50
3.80
4.20
Ø5.00
Ø4.60
(.196 DIA)
(.181 DIA)
(.165)
(.149)
(.098 DIA)
(.149)
(.165)
(.181 DIA)
(.196 DIA)
Ø4.60
Ø5.00
4.20
3.80
(.125)
3.20
(.492)
12.50



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com