Electronic Components Datasheet Search
  English  ▼

X  

ICSXXXXYGLFT Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICSXXXXYGLFT
Description  Low Power Clock Chip for Serverworks HT2400 Servers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSXXXXYGLFT Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICSXXXXYGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICSXXXXYGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
ICS932S825
1276D—10/25/07
Pin Description (continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
33
PCIeC_L4
OUT
Complement clock of 0.8V differential push-pull PCI_Express pair. (no
50ohm resistor to GND needed)
34
PCIeT_L4
OUT
True clock of 0.8V differential push-pull PCI_Express pair (no 50ohm
resistor to GND needed)
35
GND
PWR
Ground pin.
36
VDDPCIe
PWR
Power supply for PCI Express clocks, nominal 3.3V
37
PCIeC_L5
OUT
Complement clock of 0.8V differential push-pull PCI_Express pair. (no
50ohm resistor to GND needed)
38
PCIeT_L5
OUT
True clock of 0.8V differential push-pull PCI_Express pair (no 50ohm
resistor to GND needed)
39
PCIeC_L6
OUT
Complement clock of 0.8V differential push-pull PCI_Express pair. (no
50ohm resistor to GND needed)
40
PCIeT_L6
OUT
True clock of 0.8V differential push-pull PCI_Express pair (no 50ohm
resistor to GND needed)
41
GND
PWR
Ground pin.
42
CPUK8GC_L0
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
43
CPUK8GT_L0
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
44
CPUK8GC_L1
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
45
CPUK8GT_L1
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
46
GND
PWR
Ground pin.
47
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
48
CPUK8GC_L2
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
49
CPUK8GT_L2
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
50
CPUK8GC_L3
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
51
CPUK8GT_L3
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
52
CPUK8GC_L4
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
53
CPUK8GT_L4
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
54
GND
PWR
Ground pin.
55
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
56
CPUK8GC_L5
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
57
CPUK8GT_L5
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
58
CPUK8GC_L6
OUT
Complementary signal of low-power differential push-pull AMD K8
"Greyhound" clock
59
CPUK8GT_L6
OUT
True signal of low-power differential push-pull AMD K8 "Greyhound" clock
60
SPREAD_EN
IN
Asynchronous, active high input to enable spread spectrum functionality.
61
GND25MHz
PWR
Ground pin for the 25Mhz outputs
62
25MHz_1_2x
OUT
25MHz clock output, 3.3V. Default 2 load drive
63
FS0/25MHz_0_2x
I/O
Frequency select latch input pin / Fixed 25MHz 3.3V clock output. Default 2
load drive
64
VDD25MHz
PWR
Power supply for 25MHz clocks, 3.3V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com