Electronic Components Datasheet Search
  English  ▼

X  

ICS1523MLF Datasheet(PDF) 17 Page - Integrated Device Technology

Part # ICS1523MLF
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523MLF Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button ICS1523MLF Datasheet HTML 13Page - Integrated Device Technology ICS1523MLF Datasheet HTML 14Page - Integrated Device Technology ICS1523MLF Datasheet HTML 15Page - Integrated Device Technology ICS1523MLF Datasheet HTML 16Page - Integrated Device Technology ICS1523MLF Datasheet HTML 17Page - Integrated Device Technology ICS1523MLF Datasheet HTML 18Page - Integrated Device Technology ICS1523MLF Datasheet HTML 19Page - Integrated Device Technology ICS1523MLF Datasheet HTML 20Page - Integrated Device Technology ICS1523MLF Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
17
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
12.3 HSYNC to REF Timing
Figure 12-4 HSYNC to REF Timing Diagram
Table 12-4 HSYNC to REF Timing Diagram
12.4 CLK/2 Timing for Odd and Even Feedback Divider
Figure 12-5 CLK/2: Even versus Odd
For simplicity, the waveforms drawn show only the identical PECL CLK/2+ and the SSTL_3 CLK/2 signals. CLK/2-
is the compliment of the CLK/2+ signal.
Note that regardless of the CLK\2 phase at the assertion of FUNC, the clocks always have the same phase at the
fall of FUNC, regardless of 0x2
Symbol Parameter
Minimum
Typical
Maximum
Units
T0
HSYNC Low to REF Delay
6
7.5
8.5
ns
T1
HSYNC High to REF Delay
3.5
4.3
6
ns
REF
HSYNC
t0
Reg0:2 = 1
REF
HSYNC
t1
Reg0:2 = 0
t1
t0
FUNC
CLK/2
Even - Reg2:0=0
CLK/2
Odd - Reg2:0=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com