Electronic Components Datasheet Search
  English  ▼

X  

ICS1523MLF Datasheet(PDF) 15 Page - Integrated Device Technology

Part # ICS1523MLF
Description  Video Clock Synthesizer with I2C Programmable Delay
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1523MLF Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button ICS1523MLF Datasheet HTML 11Page - Integrated Device Technology ICS1523MLF Datasheet HTML 12Page - Integrated Device Technology ICS1523MLF Datasheet HTML 13Page - Integrated Device Technology ICS1523MLF Datasheet HTML 14Page - Integrated Device Technology ICS1523MLF Datasheet HTML 15Page - Integrated Device Technology ICS1523MLF Datasheet HTML 16Page - Integrated Device Technology ICS1523MLF Datasheet HTML 17Page - Integrated Device Technology ICS1523MLF Datasheet HTML 18Page - Integrated Device Technology ICS1523MLF Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Video Clock Synthesizer with I2C Programmable Delay
MDS ICS1523 Z
15
Revision 052407
Integrated Device Technology, Inc.
Tech Support: www.idt.com/go/clockhelp
ICS1523
12.1 Timing for 0x0:2=0
Figure 12-2 0x0:2=0 Timing Diagram
Table 12-2
0x0:2=0 Timing Values
Symbol Parameter
Minimum
Typical
Maximum
Units
T2
HSYNC High to FUNC High
(DPA Offset = 0)
T8 + T3
ns
T3
HSYNC High to PECL CLK+ High
(DPA Offset = 0)
-7
-
ns
T4
PECL Clock Low to SSTL_3 Clock Low
Delay
00.2
0.6
ns
T5
PECL Clock Low to FUNC High Delay
0.6
1.0
1.6
ns
T6
PECL Clock Low to PECL/2 High Clock
0.6
1.0
1.6
ns
T7
PECL Clock Low to SSTL_3 CLK/2 Delay
0.4
0.9
1.2
ns
T8
PECL Clock High Time
-
0.5
-
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com