Electronic Components Datasheet Search
  English  ▼

X  

L99PM60J Datasheet(PDF) 68 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 64Page - STMicroelectronics L99PM60J Datasheet HTML 65Page - STMicroelectronics L99PM60J Datasheet HTML 66Page - STMicroelectronics L99PM60J Datasheet HTML 67Page - STMicroelectronics L99PM60J Datasheet HTML 68Page - STMicroelectronics L99PM60J Datasheet HTML 69Page - STMicroelectronics L99PM60J Datasheet HTML 70Page - STMicroelectronics L99PM60J Datasheet HTML 71Page - STMicroelectronics L99PM60J Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 75 page
background image
Package and PCB thermal data
L99PM60J
68/75
Doc ID 18309 Rev 6
8
Package and PCB thermal data
8.1
PowerSSO-16 thermal data
Figure 25.
Thermal data of PowerSSO-16
Note:
Board finish thickness 1.6 mm +/- 10%; Board double layer; Board dimension 77 x 86;
Board Material FR4; Cu thickness 0.070 mm (front and back side); Thermal vias separation
1.2 mm; Thermal via diameter 0.3 mm +/- 0.08 mm; Cu thickness on vias 0.025 mm;
Footprint dimension 2.5 mm x 4.2 mm
Figure 26.
Rthj-amb vs PCB copper area in open box free air condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com