Electronic Components Datasheet Search
  English  ▼

X  

L99PM60J Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99PM60J
Description  Power management IC with LIN transceiver
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM60J Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99PM60J Datasheet HTML 14Page - STMicroelectronics L99PM60J Datasheet HTML 15Page - STMicroelectronics L99PM60J Datasheet HTML 16Page - STMicroelectronics L99PM60J Datasheet HTML 17Page - STMicroelectronics L99PM60J Datasheet HTML 18Page - STMicroelectronics L99PM60J Datasheet HTML 19Page - STMicroelectronics L99PM60J Datasheet HTML 20Page - STMicroelectronics L99PM60J Datasheet HTML 21Page - STMicroelectronics L99PM60J Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 75 page
background image
Detailed description
L99PM60J
18/75
Doc ID 18309 Rev 6
2.7
Fail Safe mode
2.7.1
Temporary failures
L99PM60J enters Fail Safe mode in case of:
●
Watchdog failure
●
V1 turn on failure
–V1 short (V1 < V1fail for t > tv1short)
●
V1 undervoltage (V1 < Vrth for t > tUV1)
–
Fail Safe Mode only entered if VS > VSUV
●
Thermal Shutdown TSD2
●
SPI failure
–
DI stuck to GND or VCC (SPI frame = ’00 00’ or ‘FF FF’)
The Fail Safe functionality is also available in V1-standby Mode. During V1-standby Mode the
Fails Safe Mode is entered in the following cases:
●
V1 undervoltage (V1 < VRTH for t > tV1FS)
–
Fail Safe Mode only entered if VS > VSUV
●
Watchdog failure (if watchdog still running due to IV1 > ICMP)
●
Thermal Shutdown TSD2
In Fail Safe Mode the L99PM60J returns to a default state with all outputs turned off. The
Fail Safe condition is indicated to the remaining system. The conditions during Fails Safe
Mode are:
●
All outputs are turned off
●
All Control Registers are set to default values (except OUT1/FSO configuration).
Write operations to Control Registers are blocked until the Fail Safe condition is
cleared
●
LIN Transmitter and SPI remains on
●
Corresponding Failure Bits in Status Registers are set.
●
FSO Bit (Bit 0 Global Status Register) is set
●
OUT1/FSO is activated if configured as Fail Safe Output
OUT1 is configured as Fail Safe Output unless it is disabled by SPI.
If the Fail Safe Mode was entered it keeps active until the Fail safe condition is removed and
the Fail Safe was read by SPI. Depending on the root cause of the Fail Safe, the actions to
quit Fail safe Mode can be different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com