Electronic Components Datasheet Search
  English  ▼

X  

MPC9446 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # MPC9446
Description  3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446 Datasheet(HTML) 2 Page - Integrated Device Technology

  MPC9446 Datasheet HTML 1Page - Integrated Device Technology MPC9446 Datasheet HTML 2Page - Integrated Device Technology MPC9446 Datasheet HTML 3Page - Integrated Device Technology MPC9446 Datasheet HTML 4Page - Integrated Device Technology MPC9446 Datasheet HTML 5Page - Integrated Device Technology MPC9446 Datasheet HTML 6Page - Integrated Device Technology MPC9446 Datasheet HTML 7Page - Integrated Device Technology MPC9446 Datasheet HTML 8Page - Integrated Device Technology MPC9446 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MPC9446
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
IDT™ / ICS™ LVCMOS CLOCK FANOUT BUFFER
2MPC9446 REV 4 NOVEMBER 28, 2007)
Figure 1. MPC9446 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
0
1
0
1
0
1
0
1
CLK
÷ 2
CLK
MR/OE
CCLK0
CCLK1
FSELA
FSELB
FSELC
CCLK_SEL
QA0
QA1
QA2
QB0
QB1
QB2
QC0
QC1
QC2
QC3
Bank A
Bank B
Bank C
25k
25k
25k
25k
25k
25k
25k
VCC
VCC
VCCA
QA2
GND
QA1
VCCA
QA0
GND
QC3
GND
QC2
VCCC
QC1
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9446
VCCB is internally connected to VCC
QC0
VCCC
MR/OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com