Electronic Components Datasheet Search
  English  ▼

X  

MPC9446 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # MPC9446
Description  3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MPC9446 Datasheet(HTML) 3 Page - Integrated Device Technology

  MPC9446 Datasheet HTML 1Page - Integrated Device Technology MPC9446 Datasheet HTML 2Page - Integrated Device Technology MPC9446 Datasheet HTML 3Page - Integrated Device Technology MPC9446 Datasheet HTML 4Page - Integrated Device Technology MPC9446 Datasheet HTML 5Page - Integrated Device Technology MPC9446 Datasheet HTML 6Page - Integrated Device Technology MPC9446 Datasheet HTML 7Page - Integrated Device Technology MPC9446 Datasheet HTML 8Page - Integrated Device Technology MPC9446 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MPC9446
3.3V AND 2.5V LVCMOS CLOCK FANOUT BUFFER
IDT™ / ICS™ LVCMOS CLOCK FANOUT BUFFER
3MPC9446 REV 4 NOVEMBER 28, 2007)
Table 1. Pin Configuration
Pin
I/O
Type
Function
CCLK0,1
Input
LVCMOS
LVCMOS clock inputs
FSELA, FSELB, FSELC
Input
LVCMOS
Output bank divide select input
MR/OE
Input
LVCMOS
Internal reset and output (high impedance) control
GND
Supply
Negative voltage supply (GND)
VCCA, VCCB(1), VCCC
1. VCCB is internally connected to VCC.
Supply
Positive voltage supply for output banks
VCC
Supply
Positive voltage supply for core (VCC)
QA0 – QA2
Output
LVCMOS
Bank A outputs
QB0 – QB2
Output
LVCMOS
Bank B outputs
QC0 – QC3
Output
LVCMOS
Bank C outputs
Table 2. Supported Single and Dual Supply Configurations
Supply Voltage Configuration
VCC(1)
1. VCC is the positive power supply of the device core and input circuitry. VCC voltage defines the input threshold and levels.
VCCA(2)
2. VCCA is the positive power supply of the bank A outputs. VCCA voltage defines bank A output levels.
VCCB(3)
3. VCCB is the positive power supply of the bank B outputs. VCCB voltage defines bank B output levels. VCCB is internally connected to VCC.
VCCC(4)
4. VCCC is the positive power supply of the bank C outputs. VCCC voltage defines bank C output levels.
GND
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
0 V
Mixed Voltage Supply
3.3 V
3.3 V or 2.5 V
3.3 V
3.3 V or 2.5 V
0 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
0 V
Table 3. Function Table (Controls)
Control
Default
0
1
CCLK_SEL
0
CCLK0
CCLK1
FSELA
0
fQA0:2 = fREF
fQA0:2 = fREF ÷ 2
FSELB
0
fQB0:2 = fREF
fQB0:2 = fREF ÷ 2
FSELC
0
fQC0:3 = fREF
fQC0:3 = fREF ÷ 2
MR/OE
0
Outputs enabled
Internal reset outputs disabled (tristate)
Table 4. Absolute Maximum Ratings(1)
1. Absolute maximum continuous ratings are those maximum values beyond which damage to the device may occur. Exposure to these
conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated
conditions is not implied.
Symbol
Characteristics
Min
Max
Unit
Condition
VCC
Supply Voltage
–0.3
3.6
V
VIN
DC Input Voltage
–0.3
VCC+0.3
V
VOUT
DC Output Voltage
–0.3
VCC+0.3
V
IIN
DC Input Current
±20
mA
IOUT
DC Output Current
±50
mA
TS
Storage Temperature
–65
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com