Electronic Components Datasheet Search
  English  ▼

X  

REF5040AID Datasheet(PDF) 20 Page - Texas Instruments

Part # REF5040AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5040AID Datasheet(HTML) 20 Page - Texas Instruments

Back Button REF5040AID Datasheet HTML 16Page - Texas Instruments REF5040AID Datasheet HTML 17Page - Texas Instruments REF5040AID Datasheet HTML 18Page - Texas Instruments REF5040AID Datasheet HTML 19Page - Texas Instruments REF5040AID Datasheet HTML 20Page - Texas Instruments REF5040AID Datasheet HTML 21Page - Texas Instruments REF5040AID Datasheet HTML 22Page - Texas Instruments REF5040AID Datasheet HTML 23Page - Texas Instruments REF5040AID Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
7 Parameter Measurement Information
7.1 Solder Heat Shift
The materials used in manufacturing the REF50xx have differing coefficients of thermal expansion, resulting in
stress on the device die when the part is heated. Mechanical and thermal stress on the device can cause the
output voltages to shift, degrading the initial accuracy and drift specifications of the product. Reflow soldering is a
common cause of this error.
To illustrate this effect, 36 devices are soldered on printed-circuit-boards using lead-free solder paste and the
paste manufacturer suggested reflow profile. Figure 7-1 shows the reflow profile. The printed-circuit-board is
comprised of FR4 material. The board thickness is 0.8mm and the area is 13mm × 13mm.
The reference voltage is measured before and after the reflow process across temperature; the typical shift of
accuracy and drift is displayed in Figure 7-2 for REF50xxEI and Figure 7-3 through Figure 7-10 for REF50xx.
Although all tested units exhibit very low shifts, higher shifts are also possible depending on the size, thickness,
and material of the printed-circuit-board. An important note is that the histograms display the typical shift for
exposure to a single reflow profile. Exposure to multiple reflows, as is common on printed circuit boards (PCBs)
with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB
is exposed to multiple reflows, then solder the device in the last pass to minimize device exposure to thermal
stress.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (seconds)
C01
Figure 7-1. Reflow Profile
Figure 7-2. Solder Heat Shift Distribution (%), REF50xxEI
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com