Electronic Components Datasheet Search
  English  ▼

X  

REF5040AID Datasheet(PDF) 12 Page - Texas Instruments

Part # REF5040AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5040AID Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF5040AID Datasheet HTML 8Page - Texas Instruments REF5040AID Datasheet HTML 9Page - Texas Instruments REF5040AID Datasheet HTML 10Page - Texas Instruments REF5040AID Datasheet HTML 11Page - Texas Instruments REF5040AID Datasheet HTML 12Page - Texas Instruments REF5040AID Datasheet HTML 13Page - Texas Instruments REF5040AID Datasheet HTML 14Page - Texas Instruments REF5040AID Datasheet HTML 15Page - Texas Instruments REF5040AID Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
6.7 Typical Characteristics: REF50xxI, REF50xxAI (continued)
At TA = 25°C, ILOAD = 0, and VS = VOUT + 0.2V, unless otherwise noted. For VOUT ≤ 2.5V, the minimum supply voltage is
2.7 V.
-10
-5
LoadCurrent(mA)
2.50125
2.50100
2.50075
2.50050
2.50025
2.50000
2.49975
2.49950
2.49925
2.49900
2.49875
10
0
5
+125 C
°
+25 C
°
-
°
40 C
Figure 6-7. REF5025 Output Voltage vs Load Current
-50
-25
Temperature( C)
°
0.9
0.8
0.7
0.6
0.5
0.4
0.3
125
0
25
50
75
100
Figure 6-8. Temp Pin Output Voltage vs Temperature
-50
-25
Temperature( C)
°
1050
1000
950
900
850
800
750
700
650
600
125
0
25
50
75
100
Figure 6-9. Quiescent Current vs Temperature
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
V
(V)
IN
1000
950
900
850
800
750
700
650
600
+125 C
?
+25 C
?
-40 C
?
Figure 6-10. Quiescent Current vs Input Voltage
-50
-25
Temperature( C)
°
0.5
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
-0.5
125
0
25
50
75
100
Figure 6-11. Line Regulation vs Temperature
-50
-25
Temperature( C)
°
35
30
25
20
15
10
5
0
125
0
25
50
75
100
Sourcing
Sinking
Figure 6-12. Short Circuit Current vs Temperature
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com