Electronic Components Datasheet Search
  English  ▼

X  

REF5050AID Datasheet(PDF) 25 Page - Texas Instruments

Part # REF5050AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5050AID Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF5050AID Datasheet HTML 21Page - Texas Instruments REF5050AID Datasheet HTML 22Page - Texas Instruments REF5050AID Datasheet HTML 23Page - Texas Instruments REF5050AID Datasheet HTML 24Page - Texas Instruments REF5050AID Datasheet HTML 25Page - Texas Instruments REF5050AID Datasheet HTML 26Page - Texas Instruments REF5050AID Datasheet HTML 27Page - Texas Instruments REF5050AID Datasheet HTML 28Page - Texas Instruments REF5050AID Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
8.3.3 Thermal Hysteresis
Thermal hysteresis for the REF50xx is the change in output voltage after operating the device at 25°C, cycling
the device through the specified temperature range, and returning to 25°C. Equation 4 shows thermal hysteresis.
VHYST= VPRE−VPOST
VNOM ×106ppm
(4)
where
• VHYST = thermal hysteresis (ppm)
• VNOM = the specified output voltage
• VPRE = output voltage measured at 25°C pre-temperature cycling
• VPOST = output voltage measurement after the device cycles from 25°C through the specified temperature
range of –40°C to 125°C and returns to 25°C
8.3.4 Noise Performance
Typical 0.1Hz to 10Hz voltage noise for each member of the REF50xx family is specified Section 6.5 and
Section 6.6. The noise voltage increases with output voltage and operating temperature. Use additional filtering
to improve output noise levels. If using additional filtering, verify that the output impedance does not degrade
performance.
For additional information about minimizing noise and maximizing performance in mixed-signal applications,
such as data converters, refer to the How a Voltage Reference Affects ADC Performance Part 1, How a Voltage
Reference Affects ADC Performance Part 2, and How a Voltage Reference Affects ADC Performance Part 3
analog design journals.
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
C1
1 F
m
+V
SUPPLY
Figure 8-4. Noise Reduction Using the TRIM/NR Pin
8.3.5 Long-Term Stability
Due to aging and environmental effects, all semiconductor devices experience physical changes of the
semiconductor die and the packaging material over time. Over time, the changes and the associated package
stress on the die cause the output voltage in precision voltage references to deviate. The value of such change
is specified in the data sheet by a parameter called the long-term stability (also known as the long-term drift
(LTD)). Equation 5 shows how LTD is calculated. Note that the LTD value is positive if the output voltage drifts
higher over time and negative if the voltage drifts lower over time. Figure 6-23 through Figure 6-30 show the drift
of the output voltage for REF50xx over the first 4000 operating hours.
LTDppm t=n= VOUTt=0−VOUTt=n
VOUTt=0 ×106
(5)
where
• LTD(ppm)|t=n = long-term stability (ppm)
• VOUT|t=0 = output voltage at time = 0 hr
• VOUT|t=n = output voltage at time = n hr
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com