Electronic Components Datasheet Search
  English  ▼

X  

REF5050AID Datasheet(PDF) 29 Page - Texas Instruments

Part # REF5050AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5050AID Datasheet(HTML) 29 Page - Texas Instruments

Back Button REF5050AID Datasheet HTML 25Page - Texas Instruments REF5050AID Datasheet HTML 26Page - Texas Instruments REF5050AID Datasheet HTML 27Page - Texas Instruments REF5050AID Datasheet HTML 28Page - Texas Instruments REF5050AID Datasheet HTML 29Page - Texas Instruments REF5050AID Datasheet HTML 30Page - Texas Instruments REF5050AID Datasheet HTML 31Page - Texas Instruments REF5050AID Datasheet HTML 32Page - Texas Instruments REF5050AID Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
which degrades SNR of the total system. If the ESR of the capacitor is not enough, then an additional resistor
must be added in series with the output capacitor. A capacitance of 1μF can connect to the NR pin to reduce
band-gap noise of the REF50xx.
Table 9-1 shows SNR measurements using different RC filters at the output of the OPA365, different values of
output capacitor for the REF50xx and different values of capacitors at the TRIM/NR pin.
Table 9-1. Data Acquisition Measurement Results for Different Conditions
TEST CONDITION 1
TEST CONDITION 2
OPA365 RC filter
124Ω, 1nF
124Ω, 1nF
REF5040 output capacitor
10μF
10μF + 47μF
TRIM/NR pin capacitor
0μF
1μF
SNR
86.7dB
92.8dB
9.2.1.3 Application Curve
Figure 9-2. FFT Plot-Noise Floor of Data Acquisition System
9.3 Power Supply Recommendations
The REF50xx family of voltage references features extremely low dropout voltage. With the exception of the
REF5020, which has a minimum supply requirement of 2.7V, the REF50xx family of voltage references operates
with a supply of 200mV more than the output voltage in an unloaded condition. For loaded conditions, Figure 6-6
provides a typical dropout voltage versus load plot. TI recommends a supply bypass capacitor ranging from 1μF
to 50μF for REF50xxI and REF50xxAI. TI recommends a supply bypass capacitor ranging from 1μF to 100μF for
REF50xxEI.
9.4 Layout
9.4.1 Layout Guidelines
9.4.1.1 REF50xxI, REF50xxAI Layout Guidelines
• Place the power-supply bypass capacitor as closely as possible to the supply and ground pins. The
recommended value of this bypass capacitor is from 1μF to 10μF. If necessary, add decoupling capacitance
to compensate for noisy or high-impedance power supplies.
• Place a 1μF noise filtering capacitor between the NR pin and ground.
• Verify that the output decouples with a 1μF to 50μF capacitor. A resistor in series with the output capacitor is
optional. For better noise performance, the recommended ESR on the output capacitor is from 1Ω to 1.5Ω.
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com