Electronic Components Datasheet Search
  English  ▼

X  

SN54AC32 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54AC32
Description  SNx4AC32 Quadruple 2-Input Positive-OR Gates
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC32 Datasheet(HTML) 1 Page - Texas Instruments

  SN54AC32 Datasheet HTML 1Page - Texas Instruments SN54AC32 Datasheet HTML 2Page - Texas Instruments SN54AC32 Datasheet HTML 3Page - Texas Instruments SN54AC32 Datasheet HTML 4Page - Texas Instruments SN54AC32 Datasheet HTML 5Page - Texas Instruments SN54AC32 Datasheet HTML 6Page - Texas Instruments SN54AC32 Datasheet HTML 7Page - Texas Instruments SN54AC32 Datasheet HTML 8Page - Texas Instruments SN54AC32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
SNx4AC32 Quadruple 2-Input Positive-OR Gates
1 Features
• 2V to 6V VCC operation
• Inputs accept voltages to 6V
• Maximum tpd of 7.5ns at 5V
2 Description
The ’AC32 devices are quadruple 2-input positive-OR
gates. The devices perform the Boolean function Y =
A + B or Y = A × B in positive logic.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SNx4AC32
DB (SSOP, 14)
6.2mm × 7.8mm
6.2mm × 5.3mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm × 9.4mm
19.3mm × 6.35mm
NS (SO, 14)
10.2mm × 7.8mm
10.3mm × 5.3mm
PW (TSSOP, 14)
5mm × 6.4mm
5mm × 4.4mm
BQA (WQFN)
3mm × 2.5mm
3mm × 2.5mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Gate (Positive Logic)
SN54AC32, SN74AC32
SCAS528H – AUGUST 1995 – REVISED APRIL 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54AC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC32 TI-SN54AC32 Datasheet
513Kb / 15P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AC32 TI1-SN54AC32 Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AC32 TI2-SN54AC32 Datasheet
703Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
OCTOBER 2003
SN54AC32 TI2-SN54AC32 Datasheet
1Mb / 32P
SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates
MARCH 2025
SN54AC32 TI1-SN54AC32_15 Datasheet
1Mb / 20P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN54AC32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54AHC32 TI-SN54AHC32_07 Datasheet
1Mb / 32P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN5432 TI-SN5432_98 Datasheet
252Kb / 7P
QUADRUPLE 2-INPUT POSITIVE OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com