Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DBR.A Datasheet(PDF) 26 Page - Texas Instruments

Part # SN74AHCT240DBR.A
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DBR.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button SN74AHCT240DBR.A Datasheet HTML 22Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 23Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 24Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 25Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 26Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 27Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 28Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 29Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
www.ti.com
PACKAGE OUTLINE
C
20X
0.30
0.18
1 0.1
20X
0.5
0.3
1.0
0.8
(0.2) TYP
0.05
0.00
14X 0.5
2X
3.5
2X 0.5
3 0.1
A
2.6
2.4
B
4.6
4.4
VQFN - 1 mm max height
RKS0020A
PLASTIC QUAD FLATPACK - NO LEAD
4222490/B 02/2021
PIN 1 INDEX AREA
0.08 C
SEATING PLANE
0.1 C
1
12
11
9
10
20
19
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
2
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com