Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DBR.A Datasheet(PDF) 40 Page - Texas Instruments

Part # SN74AHCT240DBR.A
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DBR.A Datasheet(HTML) 40 Page - Texas Instruments

Back Button SN74AHCT240DBR.A Datasheet HTML 35Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 36Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 37Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 38Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 39Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 40Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 41Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 42Page - Texas Instruments SN74AHCT240DBR.A Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
www.ti.com
PACKAGE OUTLINE
C
18X 0.5
2X 4.5
20X
0.275
0.165
5.1
4.7
TYP
0.15
0.05
0.25
GAGE PLANE
0 -8
4X (0 -15 )
4X (7 -15 )
1.1 MAX
B
3.1
2.9
A
5.2
5.0
NOTE 3
0.7
0.4
(0.15) TYP
VSSOP - 1.1 mm max height
DGS0020A
SMALL OUTLINE PACKAGE
4226367/A 10/2020
1
10
11
20
0.1
C A B
PIN 1 INDEX
AREA
SEE DETAIL A
0.1 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. No JEDEC registration as of September 2020.
5. Features may differ or may not be present.
SEATING
PLANE
PowerPAD is a trademark of Texas Instruments.
A 20
DETAIL A
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com