Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DWR Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AHCT240DWR
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AHCT240DWR Datasheet HTML 5Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 6Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 7Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 8Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 9Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 10Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 11Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 12Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Parameter Measurement Information
Unless otherwise noted, all input pulses are supplied by generators having the following characteristics:
• PRR ≤ 1 MHz
• ZO = 50 Ω
• tr ≤ 3 ns
• tf ≤ 3 ns
Note
All parameters and waveforms are not applicable to all devices.
CL
(1)
From Output
Under Test
Test
Point
A.
CL includes probe and jig capacitance.
B.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-1. Load Circuit For Totem-Pole Outputs
From Output
Under Test
CL
(1)
RL = 1 kŸ
S1
Open
VCC
GND
A.
CL includes probe and jig capacitance.
B.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-2. Load Circuit For Tri-State And Open-Drain Outputs
Table 6-1. Loading Conditions For Parameter
TEST
S1
tPLH (1), tPHL (1)
Open
tPLZ (3), tPZL (2)
VCC
tPHZ (3), tPZH (2)
GND
Open drain
VCC
(1)
tPLH and tPHL are the same as tpd.
(2)
tPZL and tPZH are the same as ten.
(3)
tPLZ and tPHZ are the same as tdis.
1.5 V
3 V
0 V
Input
tw
1.5 V
Figure 6-3. Voltage Waveforms Pulse Durations
www.ti.com
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com