Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DWR Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74AHCT240DWR
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74AHCT240DWR Datasheet HTML 8Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 9Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 10Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 11Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 12Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 13Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 14Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 15Page - Texas Instruments SN74AHCT240DWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
The SNx4AHCT240 device is a low-drive CMOS device that may be used for a multitude of bus interface type
applications where output ringing is a concern. The low drive and slow edge rates will minimize overshoot and
undershoot on the outputs. The input switching levels have been lowered to accommodate TTL inputs of 0.8-V
VIL and 2-V VIH. This feature makes the SNx4AHCT240 device ideal for translating up from 3.3 V to 5 V. Figure
7-1 shows this type of translation.
7.2 Typical Application
C or System
Logic
SNx4AHCT240
A1
A4
OE
Y1
Y2
VCC
GND
C/System
Logic/LEDs
5 V
3.3 V
Copyright © 2018, Texas Instruments Incorporated
Figure 7-1. Application Diagram
7.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create
fast edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
7.2.2 Detailed Design Procedure
1. Recommended Input Conditions:
• For rise time and fall time specifications, see Δt/ΔV in the Section 5.3 table.
• For specified high and low levels, see VIH and VIL in the Section 5.3 table.
• Inputs are overvoltage tolerant, allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions:
• Load currents should not exceed 25 mA per output and 75 mA total for the part.
• Outputs should not be pulled above VCC.
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com