Electronic Components Datasheet Search
  English  ▼

X  

REF3330AIDBZRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF3330AIDBZRG4
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3330AIDBZRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3330AIDBZRG4 Datasheet HTML 4Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 5Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 6Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 7Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 8Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 9Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 10Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 11Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
7
6
5
4
3
2
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
1000
100
10
1
0.1
0
1
10
100
1k
10k
100k
Frequency(Hz)
I
=0mA
LOAD
C
LOAD =1mF
I
=1mA
LOAD
C
LOAD =1mF
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
-50
-25
0
25
50
75
100
125
150
Temperature( C)
°
200
180
160
140
120
100
80
60
40
20
0
-5
-4
-3
-2
-1
0
1
2
3
4
5
LoadCurrent(mA)
+125 C
°
+25 C
°
-
°
40 C
Drift(ppm/ C)
°
Drift(ppm/ C)
°
8
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
7.6 Typical Characteristics
At TA = 25°C and VIN = 5 V, and REF3325 used for typical characteristic measurements (unless otherwise noted).
0°C to 70°C
Figure 1. Temperature Drift
–40°C to 125°C
Figure 2. Temperature Drift
Figure 3. Output Voltage Accuracy vs Temperature
Figure 4. Dropout Voltage vs Load Current
Figure 5. Quiescent Current vs Temperature
Figure 6. Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com