Electronic Components Datasheet Search
  English  ▼

X  

REF3330AIDBZRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # REF3330AIDBZRG4
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3330AIDBZRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button REF3330AIDBZRG4 Datasheet HTML 5Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 6Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 7Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 8Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 9Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 10Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 11Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 12Page - Texas Instruments REF3330AIDBZRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
1s/div
100 s/div
m
V
IN
V
OUT
2.503
2.502
2.501
2.500
2.499
2.498
2.497
2.496
2.495
-5.0
-2.5
0
2.5
5.0
LoadCurrent(mA)
V =5V
S
+125 C
°
+25 C
°
-
°
40 C
400 s/div
m
V
IN
V
OUT
2.503
2.502
2.501
2.500
2.499
2.498
2.495
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Supply(V)
2.497
2.496
-
°
40 C
+25 C
°
+125 C
°
I
=0mA
LOAD
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
Frequency(Hz)
I
=1mA
LOAD
C
=1 F
m
LOAD
9
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C and VIN = 5 V, and REF3325 used for typical characteristic measurements (unless otherwise noted).
Figure 7. Power-Supply Rejection Ratio vs Frequency
Figure 8. Output vs Supply
Figure 9. Output Voltage vs Load Current
CL = 1-μF Startup
Figure 10. Step Response
Figure 11. 0.1-Hz to 10-Hz Noise
CL = 1 μF, IOUT = 0 mA
Figure 12. Line Transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com