Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDBZRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF3333AIDBZRG4
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDBZRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3333AIDBZRG4 Datasheet HTML 13Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 14Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 15Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 16Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 17Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 18Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 19Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 20Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
±10
0
10
20
30
40
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C01
0.00
0.25
0.50
0.75
1.00
1.25
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C01
±150
±125
±100
±75
±50
±25
0
25
50
±6
±5
±4
±3
±2
±1
0
1
2
3
4
5
6
Input Voltage (V)
C01
_
3dB A1
6
2
1
f
0.144 Hz
R
2
C
2
S
§
·
˜
˜
˜
¨
¸
©
¹
17
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
(18)
In applications that cannot tolerate such a low-frequency cutoff, and therefore a long start-up time, buffer the A1–
input with another OPA317 to properly drive the ADC input with a lower-input capacitor.
10.2.1.2.7
Passive Component Tolerances and Materials
Resistors R1, R2, R3, R4, R5, R6, and R7 directly affect the accuracy of the circuit. To meet the unadjusted
accuracy goals of 0.2%, the resistors used are 0.1%. Select 0.1% resistors for the construction of the difference
amplifier circuit to provide a common-mode rejection ratio (CMRR) of at least 60 dB.
10.2.1.3 Application Curves
10.2.1.3.1
DC Performance
The measured dc performance and calculated error of the circuit is shown in Figure 20 and Figure 21,
respectively. By applying a two-point gain and offset calibration over the specified ±5-V input range, the
calibrated error is shown in Figure 22. The uncalibrated results show errors of 138 μV, or 0.0138%FSR. The
calibrated results with a simple two-point calibration show errors under 5 μV, or 0.0005%FSR, in the specified
input range of ±5 V.
Figure 20. Measured DC Transfer Function with ±6-V Input
Figure 21. Measured Output Error with ±6-V Input
Figure 22. Calibrated Output Error with ±6-V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com