Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDBZRG4 Datasheet(PDF) 33 Page - Texas Instruments

Part # REF3333AIDBZRG4
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDBZRG4 Datasheet(HTML) 33 Page - Texas Instruments

Back Button REF3333AIDBZRG4 Datasheet HTML 29Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 30Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 31Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 32Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 33Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 34Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 35Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 36Page - Texas Instruments REF3333AIDBZRG4 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.20
0.08
TYP
0.25
2.64
2.10
1.12 MAX
0.10
0.01
TYP
3X
0.5
0.3
0.6
0.2
TYP
1.9
0.95
0 -8 TYP
4X 0 -15
4X 4 -15
A
3.04
2.80
B
1.4
1.2
(0.95)
(0.15)
(0.125)
SOT-23 - 1.12 mm max height
DBZ0003A
SMALL OUTLINE TRANSISTOR
4214838/F 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Reference JEDEC registration TO-236, except minimum foot length.
4. Support pin may differ or may not be present.
5. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed
0.25mm per side
0.2
C A B
1
3
2
INDEX AREA
PIN 1
NOTE 4
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com