Electronic Components Datasheet Search
  English  ▼

X  

SN54HC153 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54HC153
Description  SNx4HC153 Dual 4-Line To 1-Line Data Selectors/Multiplexers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC153 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54HC153 Datasheet HTML 3Page - Texas Instruments SN54HC153 Datasheet HTML 4Page - Texas Instruments SN54HC153 Datasheet HTML 5Page - Texas Instruments SN54HC153 Datasheet HTML 6Page - Texas Instruments SN54HC153 Datasheet HTML 7Page - Texas Instruments SN54HC153 Datasheet HTML 8Page - Texas Instruments SN54HC153 Datasheet HTML 9Page - Texas Instruments SN54HC153 Datasheet HTML 10Page - Texas Instruments SN54HC153 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
6 Parameter Measurement Information
tpd is the maximum between tPLH and tPHL
Figure 6-1. Load Circuit
Figure 6-2. Voltage Waveforms
Propagation Delay and Output Transition Times
Figure 6-3. Voltage Waveform
Input Rise and Fall Times
A. CL includes probe and jig capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators
having the following charactersitics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
www.ti.com
SN54HC153, SN74HC153
SCLS112E – DECEMBER 1982 – REVISED FEBRUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN54HC153 SN74HC153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com