Electronic Components Datasheet Search
  English  ▼

X  

SN54HC153 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC153
Description  SNx4HC153 Dual 4-Line To 1-Line Data Selectors/Multiplexers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54HC153 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC153 Datasheet HTML 1Page - Texas Instruments SN54HC153 Datasheet HTML 2Page - Texas Instruments SN54HC153 Datasheet HTML 3Page - Texas Instruments SN54HC153 Datasheet HTML 4Page - Texas Instruments SN54HC153 Datasheet HTML 5Page - Texas Instruments SN54HC153 Datasheet HTML 6Page - Texas Instruments SN54HC153 Datasheet HTML 7Page - Texas Instruments SN54HC153 Datasheet HTML 8Page - Texas Instruments SN54HC153 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SNx4HC153 Dual 4-Line To 1-Line Data Selectors/Multiplexers
1 Features
• Wide operating voltage range of 2 V to 6 V
• Outputs can drive up to 15 LSTTL loads
• Low power consumption, 80-μA max ICC
• Typical tpd = 9 ns
• ±6-mA output drive at 5 V
• Low input current of 1 μA max
• Permit multiplexing from n lines to one line
• Perform parallel-to-serial conversion
• Strobe (enable) line provided for cascading
(N lines to n lines)
2 Description
The SNx4HC153 is a dual data selector/multiplexer
containing full binary decoding to select one of
four data sources. Both channels are controlled by
the same address select inputs, and each channel
includes its own strobe (G) input. A high level at the
strobe terminal forces the repective output low.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
SN74HC153D
SOIC (16)
9.90 mm × 3.90 mm
SN74HC153N
PDIP (16)
19.31 mm × 6.35 mm
SN74HC153NS
SO (16)
6.20 mm × 5.30 mm
SN74HC153PW
TSSOP (16)
5.00 mm × 4.40 mm
SN54HC153J
CDIP (16)
24.38 mm × 6.92 mm
SNJ54HC153FK
LCCC (20)
8.89 mm × 8.45 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Pin numbers are for the D, J, N, NS, PW, and W packages.
Functional Block Diagram
SN54HC153, SN74HC153
SCLS112E – DECEMBER 1982 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN54HC153

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC153 TI-SN54HC153 Datasheet
520Kb / 16P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153 TI-SN54HC153 Datasheet
1Mb / 21P
SUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIP LEXERS
SN54HC153 TI1-SN54HC153 Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153-SP TI1-SN54HC153-SP Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153J TI-SN54HC153J Datasheet
520Kb / 16P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN54HC153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54153 NSC-54153 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54LS352 NSC-54LS352 Datasheet
128Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
CD54AC153 TI-CD54AC153 Datasheet
338Kb / 6P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Renesas Technology Corp
HD74LS153 RENESAS-HD74LS153 Datasheet
82Kb / 8P
Dual 4-Line to 1-Line Data Selectors / Multiplexers
logo
Texas Instruments
SN74F352 TI1-SN74F352 Datasheet
181Kb / 5P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SNJ54HC253J TI1-SNJ54HC253J Datasheet
995Kb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54ALS352 TI1-SN54ALS352_11 Datasheet
349Kb / 11P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC153 TI1-SN54HC153_15 Datasheet
1Mb / 21P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com